| 전자부품 데이터시트 검색엔진 |
|
STM32F107VB 데이터시트(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F107VB 데이터시트(HTML) 51 Page - STMicroelectronics |
|
51 / 103 page ![]() STM32F105xx, STM32F107xx Electrical characteristics Doc ID 15274 Rev 6 51/104 All timings are derived from tests performed under ambient temperature and VDD supply voltage conditions summarized in Table 9. 5.3.8 PLL, PLL2 and PLL3 characteristics The parameters given in Table 27 and Table 28 are derived from tests performed under temperature and VDD supply voltage conditions summarized in Table 9. Table 26. Low-power mode wakeup timings Symbol Parameter Typ Unit tWUSLEEP (1) 1. The wakeup times are measured from the wakeup event to the point in which the user application code reads the first instruction. Wakeup from Sleep mode 1.8 µs tWUSTOP (1) Wakeup from Stop mode (regulator in run mode) 3.6 µs Wakeup from Stop mode (regulator in low power mode) 5.4 tWUSTDBY (1) Wakeup from Standby mode 50 µs Table 27. PLL characteristics Symbol Parameter Min(1) 1. Based on characterization, not tested in production. Max(1) Unit fPLL_IN PLL input clock(2) 2. Take care of using the appropriate multiplier factors so as to have PLL input clock values compatible with the range defined by fPLL_OUT. 312 MHz Pulse width at high level 30 ns fPLL_OUT PLL multiplier output clock 18 72 MHz fVCO_OUT PLL VCO output 36 144 MHz tLOCK PLL lock time 350 µs Jitter Cycle-to-cycle jitter 300 ps Table 28. PLL2 and PLL3 characteristics Symbol Parameter Min(1) 1. Based on characterization, not tested in production. Max(1) Unit fPLL_IN PLL input clock(2) 2. Take care of using the appropriate multiplier factors so as to have PLL input clock values compatible with the range defined by fPLL_OUT. 35 MHz Pulse width at high level 30 ns fPLL_OUT PLL multiplier output clock 40 74 MHz fVCO_OUT PLL VCO output 80 148 MHz tLOCK PLL lock time 350 µs Jitter Cycle-to-cycle jitter 400 ps |