전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F215RE 데이터시트(PDF) 38 Page - STMicroelectronics

부품명 STM32F215RE
상세설명  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F215RE 데이터시트(HTML) 38 Page - STMicroelectronics

Back Button STM32F215RE Datasheet HTML 34Page - STMicroelectronics STM32F215RE Datasheet HTML 35Page - STMicroelectronics STM32F215RE Datasheet HTML 36Page - STMicroelectronics STM32F215RE Datasheet HTML 37Page - STMicroelectronics STM32F215RE Datasheet HTML 38Page - STMicroelectronics STM32F215RE Datasheet HTML 39Page - STMicroelectronics STM32F215RE Datasheet HTML 40Page - STMicroelectronics STM32F215RE Datasheet HTML 41Page - STMicroelectronics STM32F215RE Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 173 page
background image
Pinouts and pin description
STM32F21xxx
38/173
Doc ID 17050 Rev 8
Figure 11.
STM32F21x LQFP176 pinout
1.
RFU means “reserved for future use”. This pin can be tied to VDD,VSS or left unconnected.
PE2
VDD_2
PE3
VSS_2
PE4
PE5
PA13
PE6
PA12
VBAT
PA11
PI8-RTC_AF2
PA10
PC14-OSC32_IN
PA9
PC15-OSC32_OUT
PA8
PF0
PC9
PF1
PC8
PF2
PC7
PF3
PC6
PF4
VDD_9
PF5
VSS_9
VSS_5
PG8
VDD_5
PG7
PF6
PG6
PF7
PG5
PF8
PG4
PF9
PG3
PF10
PG2
PH0-OSC_IN
PD15
PH1-OSC_OUT
PD14
NRST
VDD_8
PC0
VSS_8
PC1
PD13
PC2
PD12
PC3
PD11
VSSA
PD10
VDD_12
PD9
VREF+
PD8
VDDA
PB15
PA0-WKUP
PB14
PA1
PB13
PA2
PB12
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
132
131
130
129
128
127
126
125
124
123
122
121
120
119
118
117
116
115
114
113
112
111
110
109
108
LQFP176
26
27
28
29
30
31
32
33
34
35
36
107
106
105
104
103
102
101
100
99
98
89
ai15972d
VCAP_2
PI1
PI0
PH15
PH14
PH13
VDD_14
VSS_14
PH12
96
95
94
93
92
91
90
97
37
38
39
40
41
42
43
44
PC13-RTC_AF1
PI9
PI10
PI11
VSS_13
VDD_13
PH2
PH3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More