전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F215RG 데이터시트(PDF) 53 Page - STMicroelectronics

부품명 STM32F215RG
상세설명  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F215RG 데이터시트(HTML) 53 Page - STMicroelectronics

Back Button STM32F215RG Datasheet HTML 49Page - STMicroelectronics STM32F215RG Datasheet HTML 50Page - STMicroelectronics STM32F215RG Datasheet HTML 51Page - STMicroelectronics STM32F215RG Datasheet HTML 52Page - STMicroelectronics STM32F215RG Datasheet HTML 53Page - STMicroelectronics STM32F215RG Datasheet HTML 54Page - STMicroelectronics STM32F215RG Datasheet HTML 55Page - STMicroelectronics STM32F215RG Datasheet HTML 56Page - STMicroelectronics STM32F215RG Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 175 page
background image
DocID17050 Rev 9
53/175
STM32F21xxx
Pinouts and pin description
174
-
-
132 160 B7
PG15
I/O FT
USART6_CTS, DCMI_D13,
EVENTOUT
55
89 133 161 A10
PB3
(JTDO/TRACESWO)
I/O FT
JTDO/TRACESWO,
SPI3_SCK, I2S3_SCK,
TIM2_CH2, SPI1_SCK,
EVENTOUT
56
90 134 162 A9
PB4
I/O FT
NJTRST, SPI3_MISO,
TIM3_CH1, SPI1_MISO,
EVENTOUT
57
91 135 163 A6
PB5
I/O FT
I2C1_SMBA, CAN2_RX,
OTG_HS_ULPI_D7,
ETH_PPS_OUT,TIM3_CH2,
SPI1_MOSI, SPI3_MOSI,
DCMI_D10, I2S3_SD,
EVENTOUT
58
92 136 164 B6
PB6
I/O FT
I2C1_SCL, TIM4_CH1,
CAN2_TX,
DCMI_D5,USART1_TX,
EVENTOUT
59
93 137 165 B5
PB7
I/O FT
I2C1_SDA, FSMC_NL(6),
DCMI_VSYNC, USART1_RX,
TIM4_CH2, EVENTOUT
60
94 138 166 D6
BOOT0
I
B
VPP
61
95 139 167 A5
PB8
I/O FT
TIM4_CH3,SDIO_D4,
TIM10_CH1, DCMI_D6,
ETH_MII_TXD3, I2C1_SCL,
CAN1_RX, EVENTOUT
62
96 140 168 B4
PB9
I/O FT
SPI2_NSS, I2S2_WS
,
TIM4_CH4, TIM11_CH1,
SDIO_D5, DCMI_D7,
I2C1_SDA, CAN1_TX,
EVENTOUT
-
97 141 169 A4
PE0
I/O FT
TIM4_ETR, FSMC_NBL0,
DCMI_D2, EVENTOUT
-
98 142 170 A3
PE1
I/O FT
FSMC_NBL1, DCMI_D3,
EVENTOUT
--
-
-
D5
VSS
S
Table 7. STM32F21x pin and ball definitions (continued)
Pins
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More