전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F373R8 데이터시트(PDF) 50 Page - STMicroelectronics

부품명 STM32F373R8
상세설명  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F373R8 데이터시트(HTML) 50 Page - STMicroelectronics

Back Button STM32F373R8 Datasheet HTML 46Page - STMicroelectronics STM32F373R8 Datasheet HTML 47Page - STMicroelectronics STM32F373R8 Datasheet HTML 48Page - STMicroelectronics STM32F373R8 Datasheet HTML 49Page - STMicroelectronics STM32F373R8 Datasheet HTML 50Page - STMicroelectronics STM32F373R8 Datasheet HTML 51Page - STMicroelectronics STM32F373R8 Datasheet HTML 52Page - STMicroelectronics STM32F373R8 Datasheet HTML 53Page - STMicroelectronics STM32F373R8 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 131 page
background image
Memory mapping
STM32F37xxx
50/131
DocID022691 Rev 4
APB2
0x4001 6800 - 0x4001 6BFF
1 KB
SDADC3
0x4001 6400 - 0x4001 67FF
1 KB
SDADC2
0x4001 6000 - 0x4001 63FF
1 KB
SDADC1
0x4001 5C00 - 0x4001 5FFF
1 KB
TIM19
0x4001 4C00 - 0x4001 5BFF
4KB
Reserved
0x4001 4800 - 0x4001 4BFF
1 KB
TIM17
0x4001 4400 - 0x4001 47FF
1 KB
TIM16
0x4001 4000 - 0x4001 43FF
1 KB
TIM15
0x4001 3C00 - 0x4001 3FFF
1KB
Reserved
0x4001 3800 - 0x4001 3BFF
1 KB
USART1
0x4001 3400 - 0x4001 37FF
1KB
Reserved
0x4001 3000 - 0x4001 33FF
1 KB
SPI1/I2S1
0x4001 2800 - 0x4001 2FFF
1KB
Reserved
0x4001 2400 - 0x4001 27FF
1 KB
ADC
0x4001 0800 - 0x4001 23FF
7KB
Reserved
0x4001 0400 - 0x4001 07FF
1 KB
EXTI
0x4001 0000 - 0x4001 03FF
1 KB
SYSCFG
0x4000 4000 - 0x4000 FFFF
24 KB
Reserved
APB1
0x4000 9C00 – 0x4000 9FFF
1 KB
TIM18
0x4000 9800 - 0x4000 9BFF
1 KB
DAC2
0x4000 7C00 - 0x4000 97FF
8KB
Reserved
0x4000 7800 - 0x4000 7BFF
1 KB
CEC
0x4000 7400 - 0x4000 77FF
1 KB
DAC1
0x4000 7000 - 0x4000 73FF
1 KB
PWR
0x4000 6800 - 0x4000 6FFF
2KB
Reserved
0x4000 6400 - 0x4000 67FF
1 KB
CAN
0x4000 6000 - 0x4000 63FF
1 KB
USB packet SRAM
0x4000 5C00 - 0x4000 5FFF
1 KB
USB FS
Table 18. STM32F373x peripheral register boundary addresses (continued)
Bus
Boundary address
Size
Peripheral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More