| 전자부품 데이터시트 검색엔진 |
|
STM32F217IE 데이터시트(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F217IE 데이터시트(HTML) 44 Page - STMicroelectronics |
|
44 / 175 page ![]() Pinouts and pin description STM32F21xxx 44/175 DocID17050 Rev 9 - - 14 20 J3 PF4 I/O FT (4) FSMC_A4, EVENTOUT ADC3_IN14 - - 15 21 K3 PF5 I/O FT (4) FSMC_A5, EVENTOUT ADC3_IN15 -10 16 22 G2 VSS S -11 17 23 G3 VDD S - - 18 24 K2 PF6 I/O FT (4) TIM10_CH1, FSMC_NIORD, EVENTOUT ADC3_IN4 - - 19 25 K1 PF7 I/O FT (4) TIM11_CH1, FSMC_NREG, EVENTOUT ADC3_IN5 - - 20 26 L3 PF8 I/O FT (4) TIM13_CH1, FSMC_NIOWR, EVENTOUT ADC3_IN6 - - 21 27 L2 PF9 I/O FT (4) TIM14_CH1, FSMC_CD, EVENTOUT ADC3_IN7 - - 22 28 L1 PF10 I/O FT (4) FSMC_INTR, EVENTOUT ADC3_IN8 512 23 29 G1 PH0/OSC_IN (PH0) I/O FT EVENTOUT OSC_IN(4) 613 24 30 H1 PH1/OSC_OUT (PH1) I/O FT EVENTOUT OSC_OUT(4) 7 14 25 31 J1 NRST I/O 8 15 26 32 M2 PC0 I/O FT (4) OTG_HS_ULPI_STP, EVENTOUT ADC123_ IN10 9 16 27 33 M3 PC1 I/O FT (4) ETH_MDC, EVENTOUT ADC123_ IN11 10 17 28 34 M4 PC2 I/O FT (4) SPI2_MISO, OTG_HS_ULPI_DIR, ETH_MII_TXD2, EVENTOUT ADC123_ IN12 11 18 29 35 M5 PC3 I/O FT (4) SPI2_MOSI, I2S2_SD, OTG_HS_ULPI_NXT, ETH_MII_TX_CLK, EVENTOUT ADC123_ IN13 -19 30 36 - VDD S 12 20 31 37 M1 VSSA S -- - - N1 VREF- S -21 32 38 P1 VREF+ S Table 7. STM32F21x pin and ball definitions (continued) Pins Pin name (function after reset)(1) Alternate functions Additional functions |