전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM6710LWB6F 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 STM6710LWB6F
상세설명  Low voltage, high accuracy, triple/quad voltage microprocessor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6710LWB6F 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button STM6710LWB6F Datasheet HTML 12Page - STMicroelectronics STM6710LWB6F Datasheet HTML 13Page - STMicroelectronics STM6710LWB6F Datasheet HTML 14Page - STMicroelectronics STM6710LWB6F Datasheet HTML 15Page - STMicroelectronics STM6710LWB6F Datasheet HTML 16Page - STMicroelectronics STM6710LWB6F Datasheet HTML 17Page - STMicroelectronics STM6710LWB6F Datasheet HTML 18Page - STMicroelectronics STM6710LWB6F Datasheet HTML 19Page - STMicroelectronics STM6710LWB6F Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Package mechanical data
STM6700, STM6710
16/21
Doc ID 16887 Rev 2
Figure 9.
SOT23 – 6-lead small outline transistor package mechanical outline
Table 6.
SOT23 – 6-lead small outline transistor package mechanical data
Symbol
Dimensions
mm
inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.9
1.45
0.035
0.057
A1
0
0.10
0
0.0039
A2
0.9
1.3
0.035
0.0512
b
0.35
0.5
0.014
0.02
c
0.09
0.2
0.004
0.008
D
2.8
3.05
0.11
0.120
E
1.5
1.75
0.059
0.0689
e
0.95
0.037
H
2.6
3
0.102
0.118
L
0.1
0.6
0.004
0.024
θ
0°
10°
0°
10°
7049714_F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21