전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STP16CPC26MTR 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 STP16CPC26MTR
상세설명  Low voltage 16-bit constant current LED sink driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CPC26MTR 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button STP16CPC26MTR Datasheet HTML 8Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 9Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 10Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 11Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 12Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 13Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 14Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 15Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Timing diagrams
STP16CPC26
12/26
Doc ID 18469 Rev 4
8
Timing diagrams
The timing diagram shown in
Figure 11 and the truth table in Table 7 explain how to send
data to the device. This can be summarized in the following points:
●
LE and OE are level sensitive and not synchronized with the CLK signal
●
When LE is at low level, the latch circuit holds previous data
●
If LE is high level, data present in the shift register are latched
●
When OE is at low level, the status of the outputs OUT0 to OUT15 depends on the data
in the latch circuits
●
With OE at high level, all outputs are switched off independently on the data stored in
the latch circuits
●
Every rising edge of the CLK signal, a new data on SDI pin is sampled. This data is
loaded into the shift register, whereas a bit is shifted out from SDO.
Figure 11.
Timing diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26