전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STTH4L06 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 STTH4L06
상세설명  Turbo 2 ultrafast high voltage rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH4L06 데이터시트(HTML) 5 Page - STMicroelectronics

  STTH4L06 Datasheet HTML 1Page - STMicroelectronics STTH4L06 Datasheet HTML 2Page - STMicroelectronics STTH4L06 Datasheet HTML 3Page - STMicroelectronics STTH4L06 Datasheet HTML 4Page - STMicroelectronics STTH4L06 Datasheet HTML 5Page - STMicroelectronics STTH4L06 Datasheet HTML 6Page - STMicroelectronics STTH4L06 Datasheet HTML 7Page - STMicroelectronics STTH4L06 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STTH4L06
Characteristics
Doc ID 16276 Rev 1
5/8
Figure 13.
Thermal resistance versus lead length
(DO-201AD)
Figure 14.
Thermal resistance versus lead length
(DO-15)
0
10
20
30
40
50
60
70
80
90
100
5
1015
2025
DO-201AD
Rth(j-a)
Rth(j-l)
L
(mm)
lead
R (°C/W)
th
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
DO-15
L
(mm)
lead
R
(°C/W)
th(j-a)



Html Pages

1 2 3 4 5 6 7 8