전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VNQ600AP-E 데이터시트(PDF) 23 Page - STMicroelectronics

부품명 VNQ600AP-E
상세설명  Quad channel high side driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ600AP-E 데이터시트(HTML) 23 Page - STMicroelectronics

Back Button VNQ600AP-E Datasheet HTML 18Page - STMicroelectronics VNQ600AP-E Datasheet HTML 19Page - STMicroelectronics VNQ600AP-E Datasheet HTML 20Page - STMicroelectronics VNQ600AP-E Datasheet HTML 21Page - STMicroelectronics VNQ600AP-E Datasheet HTML 22Page - STMicroelectronics VNQ600AP-E Datasheet HTML 23Page - STMicroelectronics VNQ600AP-E Datasheet HTML 24Page - STMicroelectronics VNQ600AP-E Datasheet HTML 25Page - STMicroelectronics VNQ600AP-E Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
VNQ600AP-E
Package and packing information
Doc ID 10873 Rev 4
23/26
5
Package and packing information
5.1
ECOPACK® packages
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 26. SO-28 package dimensions
Table 17.
SO-28 mechanical data
Dim.
mm.
inch
Min.
Typ
Max.
Min.
Typ.
Max.
A
-
-
2.65
-
-
0.104
a1
0.10
-
0.30
0.004
-
0.012
b
0.35
-
0.49
0.013
-
0.019
b1
0.23
-
0.32
0.009
-
0.012
C
-
0.50
-
-
0.020
-
c1
45 (typ.)
-
D
17.7
-
18.1
0.697
-
0.713
E
10.00
-
10.65
0.393
-
0.419
e
-
1.27
-
-
0.050
-
e3
-
16.51
-
-
0.650
-
F
7.40
-
7.60
0.291
-
0.299
L
0.40
-
1.27
0.016
-
0.050
S
8 (max.)
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26