전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMS320VC5470ZHKA 데이터시트(PDF) 67 Page - Texas Instruments

부품명 TMS320VC5470ZHKA
상세설명  TMS320VC5470 Fixed-Point Digital Signal Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5470ZHKA 데이터시트(HTML) 67 Page - Texas Instruments

Back Button TMS320VC5470ZHKA Datasheet HTML 63Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 64Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 65Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 66Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 67Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 68Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 69Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 70Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 94 page
background image
Electrical Specifications
58
December 2001 − Revised December 2002
SPRS017B
6.8
Interrupt Timings
Table 6−13 assumes testing over recommended operating conditions and H = 0.5tc(CO) (see Figure 6−12).
Table 6−13. Reset and Interrupt Timing Requirements
MIN
MAX
UNIT
tw(INTH)S
Pulse duration, DSP_INT0 high (synchronous)
2H+1
ns
tw(INTL)S
Pulse duration, DSP_INT0 low (synchronous)
2H+1
ns
tw(INTL)A
Pulse duration, DSP_INT0 low (asynchronous)
4H
ns
tw(INTL)WKP
Pulse duration, DSP_INT0 low for IDLE2/IDLE3 wakeup
10
ns
tsu(INT)
Setup time, DSP_INT0 before DSP_CLKOUT low†
8
10
ns
† The external interrupt is synchronized to the core CPU by way of a two-flip-flop synchronizer which samples these inputs with consecutive falling
edges of DSP_CLKOUT. The input to the interrupt pin is required to represent a 1-0-0 sequence at the timing that is corresponding to three
DSP_CLKOUT sampling sequences.
DSP_INT0
DSP_CLKOUT
th(INT)
tsu(INT)
tsu(INT)
tw(INTL)A
tw(INTH)A
Figure 6−12. Interrupt Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94