| 전자부품 데이터시트 검색엔진 |
|
HLMP-BD06-RST 데이터시트(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
HLMP-BD06-RST 데이터시트(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED |
|
5 / 12 page ![]() 5 Package Dimensions 5.00 ± 0.20 (0.197 ± 0.008) 31.60 (1.244)MIN. 0.70 (0.028) MAX. 1.00 (0.039) MIN. 8.71 ± 0.20 (0.343 ± 0.008) 2.54 ± 0.38 (0.100 ± 0.015) 0.50 ± 0.10 (0.020 ± 0.004) SQ. TYP. CATHODE LEAD 5.00 ± 0.20 (0.197 ± 0.008) 31.60 (1.244)MIN. 0.70 (0.028) MAX. 1.00 (0.039) MIN. 8.71 ± 0.20 (0.343 ± 0.008) 2.54 ± 0.38 (0.100 ± 0.015) 0.50 ± 0.10 (0.020 ± 0.004) SQ. TYP. CATHODE LEAD 1.50 ±0.15 (0.059 ± 0.006) 5.00 ± 0.20 (0.197 ± 0.008) 31.60 (1.244)MIN. 0.70 (0.028) MAX. 1.00 (0.039) MIN. 8.71 ± 0.20 (0.343 ± 0.008) 2.54 ± 0.38 (0.100 ± 0.015) 0.50 ± 0.10 (0.020 ± 0.004) SQ. TYP. CATHODE LEAD 5.00 ± 0.20 (0.197 ± 0.008) 31.60 (1.244)MIN. 0.70 (0.028) MAX. 1.00 (0.039) MIN. 8.71 ± 0.20 (0.343 ± 0.008) 2.54 ± 0.38 (0.100 ± 0.015) 0.50 ± 0.10 (0.020 ± 0.004) SQ. TYP. CATHODE LEAD 1.50 ±0.15 (0.059 ± 0.006) HLMP-ALXX Pkg Dimensions A B C D 11.70 + 0.13 – 0.08 0.461 + 0.005 – 0.003) ( NOTES: 1. ALL DIMENSIONS ARE IN MILLIMETERS (INCHES). 2. TAPERS SHOWN AT TOP OF LEADS (BOTTOM OF LAMP PACKAGE) INDICATE AN EPOXY MENISCUS THAT MAY EXTEND ABOUT 1 mm (0.040 IN.) DOWN THE LEADS. 3. RECOMMENDED PC BOARD HOLE DIAMETERS: – LAMP PACKAGES A AND C WITHOUT STAND-OFFS: FLUSH MOUNTING AT BASE OF LAMP PACKAGE = 1.143/1.067 mm (0.044/0.042 IN.). – LAMP PACKAGES B AND D WITH STAND-OFFS: MOUNTING AT LEAD STAND-OFFS. |