| 전자부품 데이터시트 검색엔진 |
|
IRLR024N 데이터시트(PDF) 9 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRLR024N 데이터시트(HTML) 9 Page - International Rectifier |
|
9 / 11 page ![]() IRLR/U024N www.irf.com 9 I-Pak (TO-251AA) Package Outline Dimensions are shown in millimeters (inches) I-Pak (TO-251AA) Part Marking Information 6.73 (.26 5 ) 6.35 (.25 0 ) - A - 6.22 (.245 ) 5.97 (.235 ) - B - 3X 0.89 (.035) 0.64 (.025) 0.25 (.010) M A M B 2.28 (.09 0) 1.14 (.0 45) 0.76 (.0 30) 5.46 (.21 5) 5.21 (.20 5) 1 .27 (.050) 0 .88 (.035) 2.38 (.09 4 ) 2.19 (.08 6 ) 1.14 (.045) 0.89 (.035) 0 .58 (.02 3) 0 .46 (.01 8) L E AD A S S IG N M EN T S 1 - G A T E 2 - D R A IN 3 - S O U R C E 4 - D R A IN NO T E S : 1 D IM E N S IO NING & T O L E R A NCING P E R A N S I Y 1 4 .5 M , 19 8 2 . 2 C O N T R O L L IN G D IM E N S IO N : IN C H . 3 C O N F O R M S T O J E D E C O U T L IN E T O -2 5 2 A A . 4 D IM E N S IO N S SH O W N AR E B E F O R E S O L D ER D IP, S O LD E R D IP M A X . + 0 .16 (.006). 9 .65 (.38 0) 8 .89 (.35 0) 2X 3X 2.2 8 (.0 9 0) 1.9 1 (.0 7 5) 1.5 2 (.060) 1.1 5 (.045) 4 1 2 3 6.45 (.245) 5.68 (.224) 0.58 (.023 ) 0.46 (.018 ) |