전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLU024N 데이터시트(PDF) 9 Page - International Rectifier

부품명 IRLU024N
상세설명  Logic-Level Gate Drive
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLU024N 데이터시트(HTML) 9 Page - International Rectifier

Back Button IRLU024N Datasheet HTML 3Page - International Rectifier IRLU024N Datasheet HTML 4Page - International Rectifier IRLU024N Datasheet HTML 5Page - International Rectifier IRLU024N Datasheet HTML 6Page - International Rectifier IRLU024N Datasheet HTML 7Page - International Rectifier IRLU024N Datasheet HTML 8Page - International Rectifier IRLU024N Datasheet HTML 9Page - International Rectifier IRLU024N Datasheet HTML 10Page - International Rectifier IRLU024N Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
IRLR/U024N
www.irf.com
9
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
I-Pak (TO-251AA) Part Marking Information
6.73 (.26 5 )
6.35 (.25 0 )
- A -
6.22 (.245 )
5.97 (.235 )
- B -
3X
0.89 (.035)
0.64 (.025)
0.25 (.010)
M A M B
2.28 (.09 0)
1.14 (.0 45)
0.76 (.0 30)
5.46 (.21 5)
5.21 (.20 5)
1 .27 (.050)
0 .88 (.035)
2.38 (.09 4 )
2.19 (.08 6 )
1.14 (.045)
0.89 (.035)
0 .58 (.02 3)
0 .46 (.01 8)
L E AD A S S IG N M EN T S
1 - G A T E
2 - D R A IN
3 - S O U R C E
4 - D R A IN
NO T E S :
1 D IM E N S IO NING & T O L E R A NCING P E R A N S I Y 1 4 .5 M , 19 8 2 .
2 C O N T R O L L IN G D IM E N S IO N : IN C H .
3 C O N F O R M S T O J E D E C O U T L IN E T O -2 5 2 A A .
4 D IM E N S IO N S SH O W N AR E B E F O R E S O L D ER D IP,
S O LD E R D IP M A X . + 0 .16 (.006).
9 .65 (.38 0)
8 .89 (.35 0)
2X
3X
2.2 8 (.0 9 0)
1.9 1 (.0 7 5)
1.5 2 (.060)
1.1 5 (.045)
4
1
2
3
6.45 (.245)
5.68 (.224)
0.58 (.023 )
0.46 (.018 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11