전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF8583BS 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 PCF8583BS
상세설명  Clock and calendar with 240 x 8-bit RAM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8583BS 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button PCF8583BS Datasheet HTML 3Page - NXP Semiconductors PCF8583BS Datasheet HTML 4Page - NXP Semiconductors PCF8583BS Datasheet HTML 5Page - NXP Semiconductors PCF8583BS Datasheet HTML 6Page - NXP Semiconductors PCF8583BS Datasheet HTML 7Page - NXP Semiconductors PCF8583BS Datasheet HTML 8Page - NXP Semiconductors PCF8583BS Datasheet HTML 9Page - NXP Semiconductors PCF8583BS Datasheet HTML 10Page - NXP Semiconductors PCF8583BS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
PCF8583
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 6 October 2010
7 of 37
NXP Semiconductors
PCF8583
Clock and calendar with 240 x 8-bit RAM
7.4 Counter registers
The format for 24 hour or 12 hour clock modes can be selected by setting the most
significant bit of the hours counter register. The format of the hours counter is shown in
Figure 6.
The year and date are stored in memory location 05h (see Figure 7). The weekdays and
months are in memory location 06h (see Figure 8).
When reading these memory locations the year and weekdays are masked out when the
mask flag of the control and status register is set. This allows the user to read the date
and month count directly. In the event-counter mode, events are stored in BCD format. D5
is the most significant and D0 the least significant digit. The divider is by-passed.
Fig 6.
Format of the hours counter
Fig 7.
Format of the year and date counter
Fig 8.
Format of the weekdays and month counter
765
432
10
MSB
LSB
013aaa371
memory location 04h (hours counter)
reset state: 0000 0000
unit place
ten's place (0 to 2 binary)
AM/PM flag:
logic 0: AM
logic 1: PM
format:
logic 0: 24 hour format, AM/PM flag remains unchanged
logic 1: 12 h format, AM/PM flag will be updated
hours in BCD format:
7
6
5
432
10
MSB
LSB
013aaa372
unit place
ten's place (0 to 3 binary)
year (0 to 3 binary, read as logic 0
if the mask flag is set)
memory location 05h (year/date)
reset state: 0000 0001
days in BCD format:
76
543
210
MSB
LSB
013aaa373
memory location 06h (weekdays/months)
reset state: 0000 0001
unit place
ten's place
weekdays (0 to 6 binary, read as logic 0
if the mask flag is set)
months in BCD format:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com