전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2675 데이터시트(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2675
상세설명  LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM2675 데이터시트(HTML) 21 Page - Texas Instruments

Back Button LM2675 Datasheet HTML 17Page - Texas Instruments LM2675 Datasheet HTML 18Page - Texas Instruments LM2675 Datasheet HTML 19Page - Texas Instruments LM2675 Datasheet HTML 20Page - Texas Instruments LM2675 Datasheet HTML 21Page - Texas Instruments LM2675 Datasheet HTML 22Page - Texas Instruments LM2675 Datasheet HTML 23Page - Texas Instruments LM2675 Datasheet HTML 24Page - Texas Instruments LM2675 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LM2675
www.ti.com
SNVS129E – MAY 2004 – REVISED JUNE 2005
When using the adjustable version, special care must be taken as to the location of the feedback resistors and
the associated wiring. Physically locate both resistors near the IC, and route the wiring away from the inductor,
especially an open core type of inductor.
WSON PACKAGE DEVICES
The LM2675 is offered in the 16 lead WSON surface mount package to allow for increased power dissipation
compared to the SOIC and PDIP.
The Die Attach Pad (DAP) can and should be connected to PCB Ground plane/island. For CAD and assembly
guidelines refer to Application Note AN-1187 (SNOA401).
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM2675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30