| 전자부품 데이터시트 검색엔진 |
|
SC16IS752 데이터시트(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SC16IS752 데이터시트(HTML) 9 Page - NXP Semiconductors |
|
9 / 60 page ![]() SC16IS752_SC16IS762 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 9 — 22 March 2012 9 of 60 NXP Semiconductors SC16IS752; SC16IS762 Dual UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR 7.2.1 Auto-RTS Figure 5 shows RTS functional timing. The receiver FIFO trigger levels used in Auto-RTS are stored in the TCR. RTS is active if the RX FIFO level is below the halt trigger level in TCR[3:0]. When the receiver FIFO halt trigger level is reached, RTS is de-asserted. The sending device (for example, another UART) may send an additional character after the trigger level is reached (assuming the sending UART has another character to send) because it may not recognize the de-assertion of RTS until it has begun sending the additional character. RTS is automatically reasserted once the receiver FIFO reaches the resume trigger level programmed via TCR[7:4]. This re-assertion allows the sending device to resume transmission. Fig 4. Auto flow control (Auto-RTS and Auto-CTS) example RX FIFO FLOW CONTROL TX FIFO PARALLEL TO SERIAL TX FIFO RX FIFO UART 1 UART 2 RX TX RTS CTS TX RX CTS RTS 002aab656 SERIAL TO PARALLEL SERIAL TO PARALLEL FLOW CONTROL FLOW CONTROL FLOW CONTROL PARALLEL TO SERIAL (1) N = receiver FIFO trigger level. (2) The two blocks in dashed lines cover the case where an additional character is sent, as described in Section 7.2.1. Fig 5. RTS functional timing start character N start character N + 1 start stop stop RX RTS receive FIFO read N N + 1 12 002aab040 |