전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSHDD16-40C 데이터시트(PDF) 1 Page - Central Semiconductor Corp

부품명 CSHDD16-40C
상세설명  SURFACE MOUNT DUAL, COMMON CATHODE SILICON SCHOTTKY RECTIFIERS 16 AMP, 40 THRU 200 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CENTRAL [Central Semiconductor Corp]
홈페이지  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CSHDD16-40C 데이터시트(HTML) 1 Page - Central Semiconductor Corp

  CSHDD16-40C Datasheet HTML 1Page - Central Semiconductor Corp CSHDD16-40C Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSHDD16-40C CSHDD16-100C
CSHDD16-60C CSHDD16-200C
SURFACE MOUNT
DUAL, COMMON CATHODE
SILICON SCHOTTKY RECTIFIERS
16 AMP, 40 THRU 200 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CSHDD16-40C
Series types are silicon Schottky rectifiers designed
for surface mount applications requiring a low forward
voltage drop. To order devices on 24mm Tape and
Reel ( 800/13” Reel ), add TR13 suffix to part number.
MARKING:
CSHDD16-40C: CSHDD16-40C or CSHDD16-40
CSHDD16-60C: CSHDD16-60C or CSHDD16-60
CSHDD16-100C: CSHDD16-100C or CSHDD16-100
CSHDD16-200C: CSHDD16-200C or CSHDD16-200
FEATURES:
• High reliability
• Low forward voltage
• High current capability
• High surge capacity
• UL flammability classification 94V-O
• Superior lot to lot consistency
• Low power loss, high effeciency
• High voltage
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
CSHDD16
SYMBOL
-40C
-60C
-100C
-200C
UNITS
Peak Repetitive Reverse Voltage
VRRM
40
60
100
200
V
DC Blocking Voltage
VR
40
60
100
200
V
RMS Reverse Voltage
VR(RMS)
28
42
70
140
V
Average Forward Current (TC=75°C)
IO
16
A
Peak Forward Surge Current, tp=8.3ms
IFSM
150
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +175
°C
Typical Thermal Resistance
ΘJC
2.0
°C/W
Typical Thermal Resistance
ΘJA
50
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TC=25°C unless otherwise noted)
CSHDD16
-40C
-60C
-100C
-200C
SYMBOL
TEST CONDITIONS
TYP MAX
TYP MAX
TYP MAX
TYP MAX
UNITS
IR
VR=Rated VRRM
-
50
-
50
-
50
-
50
µA
IR
VR=Rated VRRM, TC=100°C
-
20
-
20
-
20
-
20
mA
VF
IF=8.0A
-
0.7
-
0.75
-
0.8
-
0.9
V
VF
IF=16A
-
0.84
-
0.95
-
1.10
-
1.2
V
CJ
VR=4.0V, f=1.0MHz
300
-
300
-
300
-
300
-
pF
D2PAK CASE
R6 (14-November 2012)
www.centra lsemi.com


유사한 부품 번호 - CSHDD16-40C

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
CSHDD16-40C CENTRAL-CSHDD16-40C Datasheet
59Kb / 2P
SILICON SCHOTTKY RECTIFIERS DUAL, COMMON CATHODE 16 AMP, 40 THRU 100 VOLTS
CSHDD16-40C CENTRAL-CSHDD16-40C Datasheet
548Kb / 2P
SURFACE MOUNT DUAL, COMMON CATHODE SILICON SCHOTTKY RECTIFIERS 16 AMP
CSHDD16-40C CENTRAL-CSHDD16-40C Datasheet
557Kb / 2P
SCHOTTKY RECTIFIERS
CSHDD16-40C CENTRAL-CSHDD16-40C_10 Datasheet
548Kb / 2P
SURFACE MOUNT DUAL, COMMON CATHODE SILICON SCHOTTKY RECTIFIERS 16 AMP
CSHDD16-40C CENTRAL-CSHDD16-40C_15 Datasheet
557Kb / 2P
SCHOTTKY RECTIFIERS
More results

유사한 설명 - CSHDD16-40C

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
CSHDD16-40A CENTRAL-CSHDD16-40A Datasheet
111Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS DUAL, COMMON ANODE 16 AMP, 40 THRU 100 VOLTS
CSHDD16-40C CENTRAL-CSHDD16-40C Datasheet
59Kb / 2P
SILICON SCHOTTKY RECTIFIERS DUAL, COMMON CATHODE 16 AMP, 40 THRU 100 VOLTS
CUDD16-02A CENTRAL-CUDD16-02A Datasheet
111Kb / 2P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIERS DUAL, COMMON ANODE 16 AMP, 200 THRU 800 VOLTS
CUDD16-02C CENTRAL-CUDD16-02C Datasheet
87Kb / 2P
ULTRA FAST RECOVERY RECTIFIERS DUAL, COMMON CATHODE 16 AMP, 200 THRU 800 VOLTS
CR16UD-04FP CENTRAL-CR16UD-04FP Datasheet
97Kb / 2P
ULTRA FAST RECOVERY RECTIFIERS DUAL COMMON CATHODE 16 AMP, 200 THRU 800 VOLTS
CRSH16D-40FP CENTRAL-CRSH16D-40FP Datasheet
156Kb / 2P
SILICON SCHOTTKY RECTIFIERS DUAL, COMMON CATHODE 16 AMP, 40 THRU 100 VOLTS
CZSH10-40CN CENTRAL-CZSH10-40CN Datasheet
89Kb / 2P
SURFACE MOUNT DUAL, COMMON CATHODE SILICON SCHOTTKY POWER RECTIFIER 10 AMP, 40 VOLTS
CSHDD16-40C CENTRAL-CSHDD16-40C_10 Datasheet
548Kb / 2P
SURFACE MOUNT DUAL, COMMON CATHODE SILICON SCHOTTKY RECTIFIERS 16 AMP
CZSH10-40CN CENTRAL-CZSH10-40CN_10 Datasheet
384Kb / 2P
SURFACE MOUNT DUAL, COMMON CATHODE SILICON SCHOTTKY POWER RECTIFIER 10 AMP, 40 VOLTS
CMSH1-40HE CENTRAL-CMSH1-40HE Datasheet
284Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 1 AMP, 40 THRU 200 VOLTS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com