전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADS5522IPAP 데이터시트(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
부품명 ADS5522IPAP
상세설명  12-Bit, 80 MSPS Analog-To-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5522IPAP 데이터시트(HTML) 23 Page - Texas Instruments

Back Button ADS5522IPAP Datasheet HTML 19Page - Texas Instruments ADS5522IPAP Datasheet HTML 20Page - Texas Instruments ADS5522IPAP Datasheet HTML 21Page - Texas Instruments ADS5522IPAP Datasheet HTML 22Page - Texas Instruments ADS5522IPAP Datasheet HTML 23Page - Texas Instruments ADS5522IPAP Datasheet HTML 24Page - Texas Instruments ADS5522IPAP Datasheet HTML 25Page - Texas Instruments ADS5522IPAP Datasheet HTML 26Page - Texas Instruments ADS5522IPAP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
www.ti.com
INP
INM
CM
R
F
V
COM
+3.3V
+5V
5V
10W
0.1
F
m
0.1
F
m
0.1
F
m
10
F
m
10
F
m
1
F
m
ADS5522
12-Bit/80MSPS
THS4503
R
S
R
S
R
T
R
G
R
F
R
IN
R
IN
ADS5522
SBAS320C – MAY 2004 – REVISED FEBRUARY 2007
Figure 40. Using the THS4503 with the ADS5522
23
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com