| 전자부품 데이터시트 검색엔진 |
|
AV0632E 데이터시트(PDF) 12 Page - Aplus Intergrated Circuits |
|
|
|||||||||||||||||||||||||||||
AV0632E 데이터시트(HTML) 12 Page - Aplus Intergrated Circuits |
|
12 / 13 page ![]() APLUS 巨華積体電路股份有限公司 AVxxx-TGx8 Series www.aplusinc.com.tw Page / 13 2002 Ver.2 12 AV0332C AV0632E AV0932B AV0932C PIN NO. NAME X Y X Y X Y 1 VDD1 190.71 688.87 190.71 766.7 190.71 865.8 2 OSC 50.38 688.87 50.38 766.7 50.38 865.8 3 COL4 -135.14 688.87 -135.14 766.7 -135.14 865.8 4 COL3 -265.79 688.87 -265.79 766.7 -265.79 865.8 5 COL2 -396.44 688.87 -396.44 766.7 -396.44 865.8 6 COL1 -527.09 688.87 -527.09 766.7 -527.09 865.8 7 ROW4 -498.81 -350.81 -498.81 -428.7 -498.81 -527.7 8 ROW3 -498.81 -471.71 -498.81 -549.6 -498.81 -648.6 9 ROW2 -498.81 -688.87 -498.81 -766.7 -498.81 -865.8 10 ROW1 -368.16 -688.87 -368.16 -766.6 -368.16 -865.8 11 OUT1 -237.51 -688.87 -237.51 -766.6 -237.51 -865.8 12 VDD -69.19 -688.87 -69.19 -766.6 -69.19 -865.8 13 OUT2 107.45 -619.97 107.45 -697.8 107.45 -796.9 14 GND 261.11 -619.97 261.11 -697.8 261.11 -796.9 15 GND1 341.71 -619.97 341.71 -697.8 341.71 -796.9 16 OUT3 495.37 -619.97 495.37 -697.8 495.37 -796.9 17 TEST 524.1 688.87 524.1 766.6 524.1 865.8 18 MODE/STS4 393.45 688.87 393.45 766.6 393.45 865.8 AV1232D AV1832C` AV2432B PIN NO. NAME X Y X Y X Y 1 VDD1 190.71 943.6 190.71 1130.0 190.71 1306.9 2 OSC 50.38 943.6 50.38 1130.0 50.38 1306.9 3 COL4 -135.14 943.6 -135.14 1130.0 -135.14 1306.9 4 COL3 -265.79 943.6 -265.79 1130.0 -265.79 1306.9 5 COL2 -396.44 943.6 -396.44 1130.0 -396.44 1306.9 6 COL1 -527.09 943.6 -527.09 1130.0 -527.09 1306.9 7 ROW4 -498.81 -605.5 -498.81 -791.9 -498.81 -968.8 8 ROW3 -498.81 -726.4 -498.81 -912.8 -498.81 -1089.7 9 ROW2 -498.81 -943.6 -498.81 -1130.0 -498.81 -1306.9 10 ROW1 -368.16 -943.6 -368.16 -1130.0 -368.16 -1306.9 11 OUT1 -237.51 -943.6 -237.51 -1130.0 -237.51 -1306.9 12 VDD -69.19 -943.6 -69.19 -1130.0 -69.19 -1306.9 13 OUT2 107.45 -874.7 107.45 -1061.1 107.45 -1238.0 14 GND 261.11 -874.7 261.11 -1061.1 261.11 -1238.0 15 GND1 341.71 -874.7 341.71 -1061.1 341.71 -1238.0 16 OUT3 495.37 -874.7 495.37 -1061.1 495.37 -1238.0 17 TEST 524.1 943.6 524.1 1130.0 524.1 1306.9 18 MODE/STS4 393.45 943.6 393.45 1130.0 393.45 1306.9 |