전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM385MX 데이터시트(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
부품명 LM385MX
상세설명  LM185/LM285/LM385 Adjustable Micropower Voltage References
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM385MX 데이터시트(HTML) 13 Page - Texas Instruments

Back Button LM385MX Datasheet HTML 9Page - Texas Instruments LM385MX Datasheet HTML 10Page - Texas Instruments LM385MX Datasheet HTML 11Page - Texas Instruments LM385MX Datasheet HTML 12Page - Texas Instruments LM385MX Datasheet HTML 13Page - Texas Instruments LM385MX Datasheet HTML 14Page - Texas Instruments LM385MX Datasheet HTML 15Page - Texas Instruments LM385MX Datasheet HTML 16Page - Texas Instruments LM385MX Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
1-Nov-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LM185BH
ACTIVE
TO
NDV
3
1000
TBD
Call TI
Call TI
-55 to 125
LM185BH
LM185BH/NOPB
ACTIVE
TO
NDV
3
1000
Green (RoHS
& no Sb/Br)
POST-PLATE
Level-1-NA-UNLIM
-55 to 125
LM185BH
LM185H-2.5
ACTIVE
TO
NDU
2
1000
TBD
Call TI
Call TI
-55 to 125
LM185H2.5
LM185H-2.5/NOPB
ACTIVE
TO
NDU
2
1000
Green (RoHS
& no Sb/Br)
POST-PLATE
Level-1-NA-UNLIM
-55 to 125
LM185H2.5
LM285BXZ/NOPB
ACTIVE
TO-92
LP
3
1800
Green (RoHS
& no Sb/Br)
SN | CU SN
N / A for Pkg Type
-40 to 85
LM285
BXZ
LM285BYM/NOPB
ACTIVE
SOIC
D
8
95
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
LM285
BYM
LM285BYMX/NOPB
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-260C-UNLIM
-40 to 85
LM285
BYM
LM285BYZ/NOPB
ACTIVE
TO-92
LP
3
1800
Green (RoHS
& no Sb/Br)
SN | CU SN
N / A for Pkg Type
-40 to 85
LM285
BYZ
LM285M/NOPB
ACTIVE
SOIC
D
8
95
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-260C-UNLIM
-40 to 85
LM285
M
LM285MX/NOPB
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-260C-UNLIM
-40 to 85
LM285
M
LM285Z/NOPB
ACTIVE
TO-92
LP
3
1800
Green (RoHS
& no Sb/Br)
SN | CU SN
N / A for Pkg Type
-40 to 85
LM285
Z
LM385BM
NRND
SOIC
D
8
95
TBD
Call TI
Call TI
0 to 70
LM385
BM
LM385BM/NOPB
ACTIVE
SOIC
D
8
95
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-260C-UNLIM
0 to 70
LM385
BM
LM385BMX/NOPB
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-260C-UNLIM
0 to 70
LM385
BM
LM385BXZ/NOPB
ACTIVE
TO-92
LP
3
1800
Green (RoHS
& no Sb/Br)
SN | CU SN
N / A for Pkg Type
0 to 70
LM385
BXZ
LM385BYZ/NOPB
ACTIVE
TO-92
LP
3
1800
Green (RoHS
& no Sb/Br)
SN | CU SN
N / A for Pkg Type
0 to 70
LM385
BYZ
LM385BZ/NOPB
ACTIVE
TO-92
LP
3
1800
Green (RoHS
& no Sb/Br)
SN | CU SN
N / A for Pkg Type
0 to 70
LM385
BZ
LM385M
NRND
SOIC
D
8
95
TBD
Call TI
Call TI
0 to 70
LM385



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23