전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

87C52 데이터시트(PDF) 3 Page - Intel Corporation

부품명 87C52
상세설명  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

87C52 데이터시트(HTML) 3 Page - Intel Corporation

  87C52 Datasheet HTML 1Page - Intel Corporation 87C52 Datasheet HTML 2Page - Intel Corporation 87C52 Datasheet HTML 3Page - Intel Corporation 87C52 Datasheet HTML 4Page - Intel Corporation 87C52 Datasheet HTML 5Page - Intel Corporation 87C52 Datasheet HTML 6Page - Intel Corporation 87C52 Datasheet HTML 7Page - Intel Corporation 87C52 Datasheet HTML 8Page - Intel Corporation 87C52 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
8XC52/54/58
PROCESS INFORMATION
This device is manufactured on P629.0, a CHMOS
III-E process. Additional process and reliability infor-
mation is available in the Intel® Quality System
Handbook .
PACKAGES
40-Pin Plastic DIP (OTP)
40-Pin CERDIP (EPROM)
44-Pin PLCC (OTP)
44-Pin QFP (OTP)
272336–2
DIP
272336–3
PLCC
272336–4
*Do not connect reserved pins.
QFP
Figure 2. Pin
Connections
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23