| 전자부품 데이터시트 검색엔진 |
|
LMV393IDE4 데이터시트(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LMV393IDE4 데이터시트(HTML) 4 Page - Texas Instruments |
|
4 / 30 page ![]() LMV331 SINGLE LMV393 DUAL LMV339 QUAD SLCS136S – AUGUST 1999 – REVISED OCTOBER 2012 www.ti.com Electrical Characteristics VCC+ = 2.7 V, GND = 0 V, at specified free-air temperature (unless otherwise noted) PARAMETER TEST CONDITIONS TA MIN TYP MAX UNIT VIO Input offset voltage 25°C 1.7 7 mV Average temperature –40°C to αVIO coefficient of input offset 5 μV/°C 125°C voltage 25°C 15 250 IIB Input bias current nA –40°C to 400 125°C 25°C 5 50 IIO Input offset current nA –40°C to 150 125°C IO Output current (sinking) VO ≤ 1.5 V 25°C 5 23 mA 25°C 0.003 Output Leakage Current µA –40°C to 1 125°C Common-mode input VICR 25°C –0.1 to 2 V voltage range VSAT Saturation voltage IO ≤ 1.5 mA 25°C 200 mV LMV331 25°C 40 100 ICC Supply current LMV393 (both comparators) 25°C 70 140 μA LMV339 (all four comparators) 25°C 140 200 Switching Characteristics TA = 25°C, VCC+ = 2.7 V, RL = 5.1 kΩ, GND = 0 V (unless otherwise noted) PARAMETER TEST CONDITIONS TYP UNIT Input overdrive = 10 mV 1000 Propagation delay high to low level output tPHL ns switching Input overdrive = 100 mV 350 Input overdrive = 10 mV 500 Propagation delay low to high level output tPLH ns switching Input overdrive = 100 mV 400 4 Submit Documentation Feedback Copyright © 1999–2012, Texas Instruments Incorporated |