| 전자부품 데이터시트 검색엔진 |
|
MPC8347ECVRAGDB 데이터시트(PDF) 70 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8347ECVRAGDB 데이터시트(HTML) 70 Page - Freescale Semiconductor, Inc |
|
70 / 99 page ![]() MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12 70 Freescale Semiconductor Package and Pin Listings General Purpose I/O Timers GPIO1[0]/DMA_DREQ0/GTM1_TIN1/ GTM2_TIN2 D27 I/O OVDD — GPIO1[1]/DMA_DACK0/GTM1_TGATE1/ GTM2_TGATE2 E26 I/O OVDD — GPIO1[2]/DMA_DDONE0/GTM1_TOUT1 D28 I/O OVDD — GPIO1[3]/DMA_DREQ1/GTM1_TIN2/ GTM2_TIN1 G25 I/O OVDD — GPIO1[4]/DMA_DACK1/GTM1_TGATE2/ GTM2_TGATE1 J24 I/O OVDD — GPIO1[5]/DMA_DDONE1/GTM1_TOUT2/ GTM2_TOUT1 F26 I/O OVDD — GPIO1[6]/DMA_DREQ2/GTM1_TIN3/ GTM2_TIN4 E27 I/O OVDD — GPIO1[7]/DMA_DACK2/GTM1_TGATE3/ GTM2_TGATE4 E28 I/O OVDD — GPIO1[8]/DMA_DDONE2/GTM1_TOUT3 H25 I/O OVDD — GPIO1[9]/DMA_DREQ3/GTM1_TIN4/ GTM2_TIN3 F27 I/O OVDD — GPIO1[10]/DMA_DACK3/ GTM1_TGATE4/GTM2_TGATE3 K24 I/O OVDD — GPIO1[11]/DMA_DDONE3/ GTM1_TOUT4/GTM2_TOUT3 G26 I/O OVDD — USB Port 1 MPH1_D0_ENABLEN/DR_D0_ENABLEN C28 I/O OVDD — MPH1_D1_SER_TXD/DR_D1_SER_TXD F25 I/O OVDD — MPH1_D2_VMO_SE0/DR_D2_VMO_SE0 B28 I/O OVDD — MPH1_D3_SPEED/DR_D3_SPEED C27 I/O OVDD — MPH1_D4_DP/DR_D4_DP D26 I/O OVDD — MPH1_D5_DM/DR_D5_DM E25 I/O OVDD — MPH1_D6_SER_RCV/DR_D6_SER_RCV C26 I/O OVDD — MPH1_D7_DRVVBUS/DR_D7_DRVVBUS D25 I/O OVDD — MPH1_NXT/DR_SESS_VLD_NXT B26 I OVDD — MPH1_DIR_DPPULLUP/ DR_XCVR_SEL_DPPULLUP E24 I/O OVDD — MPH1_STP_SUSPEND/ DR_STP_SUSPEND A27 O OVDD — MPH1_PWRFAULT/ DR_RX_ERROR_PWRFAULT C25 I OVDD — Table 56. MPC8347EA (PBGA) Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |