| 전자부품 데이터시트 검색엔진 |
|
AD7812YN 데이터시트(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7812YN 데이터시트(HTML) 13 Page - Analog Devices |
|
13 / 19 page ![]() AD7811/AD7812 –13– REV. B t POWER-UP 1.5 s CONVST t CONVERT 2.3 s 100 s @ 10kSPS POWER-DOWN t CYCLE Figure 11. Automatic Power-Down For example, if the AD7811 is operated in a continuous sam- pling mode with a throughput rate of 10 kSPS, PD1 = 1, PD0 = 0 and using the on chip reference the power consump- tion is calculated as follows. The power dissipation during nor- mal operation is 10.5 mW, VDD = 3 V. If the power-up time is 1.5 µs and the conversion time is 2.3 µs, the AD7811 can be said to dissipate 10.5 mW for 3.8 µs (worst-case) during each conversion cycle. If the throughput rate is 10 kSPS, the cycle time is 100 µs and the average power dissipated during each cycle is (3.8/100) × (10.5 mW) = 400 µW. Figure 12 shows the Power vs. Throughput Rate for automatic full power-down. THROUGHPUT – kSPS 10 1 0.01 050 10 0.1 20 30 40 5 15 253545 Figure 12. AD7811/AD7812 Power vs. Throughput FREQUENCY – kHz 0 –10 –100 0 122 17 87 105 –40 –70 –80 –90 –20 –30 –60 –50 35 52 70 140 157 174 AD7811/12 2048 POINT FFT SAMPLING 357.142kHz fIN = 30.168kHz Figure 13. AD7811/AD7812 SNR QUICK EVALUATION SETUP The schematic shown in Figure 14 shows a suggested configura- tion of the AD7812 for a first look evaluation of the part. No external reference circuit is needed as the V REF pin can be connected to V DD. The CONVST signal is connected to TFS and RFS to enable the serial port. Also by selecting Mode 2 operation (see Operating Modes section) the power performance of the AD7812 can be evaluated. 10 F 10nF VREF DIN SCLK CONVST VDD CREF VIN1 AGND TFS RFS DOUT A0 DGND 0.1 F VIN2 AD7812 0V TO VDD INPUT VIN7 VIN8 SUPPLY VDD Figure 14. Evaluation Quick Setup The setup uses a full duplex, 16-bit, serial interface protocol, e.g., SPI. It is possible to use 8-bit transfers by carrying out two consecutive read/write operations. The MSB of data is trans- ferred first. 1. When power is first connected to the device it is in a powered down mode of operation and is consuming only 1 µA. The AD7812 must first be configured by carrying out a serial write operation. 2. The CONVST signal is first pulsed to enable the serial port (rising and falling edge on RFS and TFS respectively—see Serial Interface section). 3. Next, a 16-bit serial read/write operation is carried out. By writing 6040 Hex to the AD7812 the part is powered up, set up to use external reference (i.e., VDD) and the analog input VIN1 is selected. The data read from the part during this read/ write operation is invalid. 4. It is necessary to wait approximately 1.5 µs before pulsing CONVST again and initiating a conversion. The 1.5 µs is to allow the AD7812 to power up correctly—see Power-Up Times section. 5. Approximately 2.3 µs after the falling edge of CONVST, i.e., after the end of the conversion, a serial read/write can take place. This time 4040 Hex is written to the AD7812 and the data read from the part is the result of the conversion. The output code is in a straight binary format and will be left justified in the 16-bit serial register (MSB clocked out first). 6. By idling the CONVST signal high or low it is possible to operate the AD7812 in Mode 1 and Mode 2 respectively. |
|
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |