전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8314ARM 데이터시트(PDF) 13 Page - Analog Devices

부품명 AD8314ARM
상세설명  100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8314ARM 데이터시트(HTML) 13 Page - Analog Devices

Back Button AD8314ARM Datasheet HTML 9Page - Analog Devices AD8314ARM Datasheet HTML 10Page - Analog Devices AD8314ARM Datasheet HTML 11Page - Analog Devices AD8314ARM Datasheet HTML 12Page - Analog Devices AD8314ARM Datasheet HTML 13Page - Analog Devices AD8314ARM Datasheet HTML 14Page - Analog Devices AD8314ARM Datasheet HTML 15Page - Analog Devices AD8314ARM Datasheet HTML 16Page - Analog Devices AD8314ARM Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD8314
Rev. B | Page 13 of 20
The intercept is the point at which the extrapolated linear
response would intersect the horizontal axis (see Figure 32).
Using the slope and intercept, the output voltage can be
calculated for any input level within the specified input range by
VUP = VSLOPE × (PIN − PO)
where:
VUP is the demodulated and filtered RSSI output.
VSLOPE is the logarithmic slope, expressed in V/dB.
PIN is the input signal, expressed in decibels relative to some
reference level (either dBm or dBV in this case).
PO is the logarithmic intercept, expressed in decibels relative to
the same reference level.
For example, at an input level of −40 dBV (−27 dBm), the
output voltage is
VOUT = 0.020 V/dB × [−40 dBV − (−63 dBV)] = 0.46 V
dBV VS. dBm
The most widely used convention in RF systems is to specify
power in dBm, that is, decibels above 1 mW in 50 Ω. Specification
of log amp input levels in terms of power is strictly a concession
to popular convention; they do not respond to power (tacitly
power absorbed at the input), but to the input voltage. The use
of dBV, defined as decibels with respect to a 1 V rms sine wave,
is more precise, although this is still not unambiguous because
waveform is also involved in the response of a log amp, which,
for a complex input (such as a CDMA signal), does not follow
the rms value exactly. Since most users specify RF signals in
terms of power (more specifically, in dBm/50 Ω), both dBV and
dBm are used in specifying the performance of the AD8314
showing equivalent dBm levels for the special case of a
50 Ω environment. Values in dBV are converted to
dBm re 50 Ω by adding 13.
FILTER CAPACITOR
The video bandwidth of both V_UP and V_DN is
approximately 3.5 MHz. In CW applications where the input
frequency is much higher than this, no further filtering of the
demodulated signal is required. Where there is a low frequency
modulation of the carrier amplitude, however, the low-pass
corner must be reduced by the addition of an external filter
capacitor, CF (see Figure 31). The video bandwidth is related
to CF by
()
F
C
Bandwidth
Video
+
×
×
=
pF
5
.
3
kΩ
13
π
2
1
OPERATING IN CONTROLLER MODE
Figure 33 shows the basic connections for operation in the
controller mode, and Figure 34 shows a block diagram of a
typical controller mode application. The feedback from V_UP
to VSET is broken and the desired setpoint voltage is applied to
VSET from the controlling source (often this is a DAC). VDN
rails high (2.2 V on a 3.3 V supply, and 1.9 V on a 2.7 V supply)
when the applied power is less than the value corresponding to
the setpoint voltage. When the input power slightly exceeds this
value, VDN would, in the absence of the loop via the power
amplifier gain pin, decrease rapidly toward ground. In the
closed loop, however, the reduction in VDN causes the power
amplifier to reduce its output. This restores a balance between
the actual power level sensed at the input of the AD8314 and
the demanded value determined by the setpoint. This assumes
that the gain control sense of the variable gain element is
positive, that is, an increasing voltage from V_DN tends to
increase gain. The output swing and current sourcing capability
of V_DN are shown in Figure 22 and Figure 25.
0.1µF
VS
VS
VDN
INPUT
VSET
1
2
3
4
ENBL
RFIN
AD8314
8
7
6
5
VSET
FLTR
V_DN
VPOS
COMM
V_UP
52.3Ω
CF
Figure 33. Basic Connections for Operation in Controller Mode
DAC
FLTR
V_UP
VSET
AD8314
DIRECTIONAL
COUPLER
POWER
AMPLIFIER
RF INPUT
GAIN
CONTROL
VOLTAGE
RFIN
V_DN
CF
52.3Ω
Figure 34. Typical Controller Mode Application
The relationship between the input level and the setpoint
voltage follows from the nominal transfer function of the device
(VUP vs. input amplitude, see Figure 4). For example, a voltage of
1 V on VSET demands a power level of 0 dBm at RFIN. The
corresponding power level at the output of the power amplifier
is greater than this amount due to the attenuation through the
directional coupler.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com