전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8314ARMZ 데이터시트(PDF) 18 Page - Analog Devices

부품명 AD8314ARMZ
상세설명  100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8314ARMZ 데이터시트(HTML) 18 Page - Analog Devices

Back Button AD8314ARMZ Datasheet HTML 12Page - Analog Devices AD8314ARMZ Datasheet HTML 13Page - Analog Devices AD8314ARMZ Datasheet HTML 14Page - Analog Devices AD8314ARMZ Datasheet HTML 15Page - Analog Devices AD8314ARMZ Datasheet HTML 16Page - Analog Devices AD8314ARMZ Datasheet HTML 17Page - Analog Devices AD8314ARMZ Datasheet HTML 18Page - Analog Devices AD8314ARMZ Datasheet HTML 19Page - Analog Devices AD8314ARMZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD8314
Rev. B | Page 18 of 20
OPERATION AT 2.7 GHz
While the AD8314 is specified to operate at frequencies up to
2.5 GHz, it works at higher frequencies, although it does exhibit
slightly higher output voltage temperature drift. Figure 43
shows the transfer function of a typical device at 2.7 GHz, at
ambient as well as hot and cold temperatures.
Figure 44 shows the transfer function of the AD8314 when
driven by both an unmodulated sine wave and a 64 QAM
signal. As previously discussed, the higher peak-to-average ratio
of the 64 QAM signal causes an increase in the intercept.
In this case, the intercept increases by approximately 1.5 dB,
causing the overall transfer function to drop by the same
amount. For precision operation, the AD8314 should be
calibrated for each signal type that is driving it.
USING THE LFCSP PACKAGE
On the underside of the LFCSP package, there is an exposed,
compressed paddle. This paddle is internally connected to the
chip’s ground. While the paddle can be connected to the printed
circuit board’s ground plane, there is no thermal or electrical
requirement to do this.
EVALUATION BOARD
Figure 45 shows the schematic of the AD8314 MSOP
evaluation board. The layout and silkscreen of the component
side are shown in Figure 46 and Figure 47. An evaluation board
is also available for the LFCSP package. (For exact part numbers,
see the Ordering Guide.) Apart from the slightly smaller device
footprint, the LFCSP evaluation board is identical to the MSOP
board. The board is powered by a single supply in the 2.7 V to
5.5 V range. The power supply is decoupled by a single 0.1 μF
capacitor. Additional decoupling, in the form of a series resistor
or inductor in R9, can also be added. Table 7 details the various
configuration options of the evaluation board.
1.2
0
–70
10
INPUT POWER (dBm)
3
–3
–2
–1
0
1
2
1.0
0.8
0.6
0.4
0.2
+25°C
–40°C
–40°C
+25°C
+80°C
+80°C
–60
–50
–40
–30
–20
–10
0
Figure 43. Operating at 2.7 GHz
1.2
0
–70
10
INPUT POWER (dBm)
3
–3
–2
–1
0
1
2
1.0
0.8
0.6
0.4
0.2
–60
–50
–40
–30
–20
–10
0
CW
CW
64 QAM
64 QAM
Figure 44. Shift in Transfer Function due to 64 QAM
VPOS
VSET
LK1
INPUT
SW1
V_DN
V_UP
VPOS
C1
0.1µF
1
2
3
4
ENBL
RFIN
AD8314
8
7
6
5
VSET
FLTR
V_DN
VPOS
COMM
V_UP
R2
52.3Ω
R1
0Ω
R7
0Ω
R8
OPEN
C4
(OPEN)
R4
(OPEN)
C2
(OPEN)
R6
(OPEN)
C3
(OPEN)
R3
0Ω
R5
0Ω
R9
0Ω
Figure 45. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com