전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8601ARTZ-R2 데이터시트(PDF) 22 Page - Analog Devices

부품명 AD8601ARTZ-R2
상세설명  Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8601ARTZ-R2 데이터시트(HTML) 22 Page - Analog Devices

Back Button AD8601ARTZ-R2 Datasheet HTML 16Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 17Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 18Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 19Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 20Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 21Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 22Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 23Page - Analog Devices AD8601ARTZ-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD8601/AD8602/AD8604
Rev. G | Page 22 of 24
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
Branding
AD8601ARTZ-R2
−40°C to +125°C
5-Lead SOT-23
RJ-5
AAA
AD8601ARTZ-REEL
−40°C to +125°C
5-Lead SOT-23
RJ-5
AAA
AD8601ARTZ-REEL7
−40°C to +125°C
5-Lead SOT-23
RJ-5
AAA
AD8601WARTZ-RL
−40°C to +125°C
5-Lead SOT-23
RJ-5
AAA
AD8601WARTZ-R7
−40°C to +125°C
5-Lead SOT-23
RJ-5
AAA
AD8601WDRTZ-REEL
−40°C to +125°C
5-Lead SOT-23
RJ-5
AAD
AD8601WDRTZ-REEL7
−40°C to +125°C
5-Lead SOT-23
RJ-5
AAD
AD8602AR
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8602AR-REEL
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8602AR-REEL7
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8602ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8602ARZ-REEL
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8602ARZ-REEL7
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8602WARZ-RL
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8602WARZ-R7
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8602ARM-REEL
−40°C to +125°C
8-Lead MSOP
RM-8
ABA
AD8602ARMZ
−40°C to +125°C
8-Lead MSOP
RM-8
ABA
AD8602ARMZ-REEL
−40°C to +125°C
8-Lead MSOP
RM-8
ABA
AD8602DR
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8602DR-REEL
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8602DR-REEL7
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8602DRZ
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8602DRZ-REEL
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8602DRZ-REEL7
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8602DRM-REEL
−40°C to +125°C
8-Lead MSOP
RM-8
ABD
AD8602DRMZ-REEL
−40°C to +125°C
8-Lead MSOP
RM-8
ABD
AD8604ARZ
−40°C to +125°C
14-Lead SOIC_N
R-14
AD8604ARZ-REEL
−40°C to +125°C
14-Lead SOIC_N
R-14
AD8604ARZ-REEL7
−40°C to +125°C
14-Lead SOIC_N
R-14
AD8604DRZ
−40°C to +125°C
14-Lead SOIC_N
R-14
AD8604DRZ-REEL
−40°C to +125°C
14-Lead SOIC_N
R-14
AD8604ARUZ
−40°C to +125°C
14-Lead TSSOP
RU-14
AD8604ARUZ-REEL
−40°C to +125°C
14-Lead TSSOP
RU-14
AD8604DRU
−40°C to +125°C
14-Lead TSSOP
RU-14
AD8604DRU -REEL
−40°C to +125°C
14-Lead TSSOP
RU-14
AD8604DRUZ
−40°C to +125°C
14-Lead TSSOP
RU-14
AD8604DRUZ-REEL
−40°C to +125°C
14-Lead TSSOP
RU-14
AD8604ARQZ
−40°C to +125°C
16-Lead QSOP
RQ-16
AD8604ARQZ-RL
−40°C to +125°C
16-Lead QSOP
RQ-16
AD8604ARQZ-R7
−40°C to +125°C
16-Lead QSOP
RQ-16
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The AD8601W/AD8602W models are available with controlled manufacturing to support the quality and reliability requirements of
automotive applications. Note that these automotive models may have specifications that differ from the commercial models; therefore,
designers should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for
use in automotive applications. Contact your local Analog Devices Account Representative for specific product ordering information and
to obtain the specific Automotive Reliability reports for these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com