전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ASI10595 데이터시트(PDF) 1 Page - Advanced Semiconductor

부품명 ASI10595
상세설명  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ASI [Advanced Semiconductor]
홈페이지  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASI10595 데이터시트(HTML) 1 Page - Advanced Semiconductor

  ASI10595 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25
OC
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCBO
IC = 50 mA
36
V
BVCES
IC = 50 mA
36
V
BVCEO
IC = 50 mA
18
V
BVEBO
IE = 5.0 mA
4.0
V
ICES
VCE = 15 V
5
mA
hFE
VCE = 5.0 V
IC = 1.0 A
10
200
---
Cob
VCB = 12.5 V
f = 1.0 MHz
100
pF
GP
IMD3
VCC = 12.5 V
ICQ =25 mA
f = 30 MHz
POUT = 20 W (PEP)
15
18
-30
dB
dBc
NPN SILICON RF POWER TRANSISTOR
HF20-12S
DESCRIPTION:
The
ASI HF20-12S is Designed for
FEATURES:
• P
G = 18 dB min. at 20 W/30 MHz
• IMD
3 = -30 dBc max. at 20 W(PEP)
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
4.5 A
VCBO
36 V
VCEO
18 V
VEBO
4.0 V
PDISS
80 W @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +150 OC
θθ
JC
2.2
OC/W
PACKAGE STYLE .380 4L STUD
ORDER CODE: ASI10595
MINIMUM
inches / mm
.004 / 0.10
.370 / 9.40
.320 / 8.13
B
C
D
E
F
G
A
MAXIMUM
.385 / 9.78
.330 / 8.38
.130 / 3.30
.007 / 0.18
inches / mm
H
.090 / 2.29
.100 / 2.54
DIM
.220 / 5.59
.230 / 5.84
.490 / 12.45
.450 / 11.43
I
J
.155 / 3.94
.175 / 4.45
.750 / 19.05
.980 / 24.89
.100 / 2.54
E
F
D
ØC
B
.112x45°
G
H
J
I
A
#8-32 UNC-2A
E
E
C
B


유사한 부품 번호 - ASI10595

제조업체부품명데이터시트상세설명
logo
Advanced Semiconductor
ASI10595 ASI-ASI10595 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results

유사한 설명 - ASI10595

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com