전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6630S0D-B28-R202 데이터시트(PDF) 3 Page - Bourns Electronic Solutions

부품명 6630S0D-B28-R202
상세설명  Precision Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOURNS [Bourns Electronic Solutions]
홈페이지  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

6630S0D-B28-R202 데이터시트(HTML) 3 Page - Bourns Electronic Solutions

  6630S0D-B28-R202 Datasheet HTML 1Page - Bourns Electronic Solutions 6630S0D-B28-R202 Datasheet HTML 2Page - Bourns Electronic Solutions 6630S0D-B28-R202 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
6630 - Precision Potentiometer
How To Order
REV. 10/11
6
6
3
0
S0
D-
B
2
8
-
A
1
02
Code
S
Description
3/8 ” D x 3/8 ” L Threaded
BUSHING DESIGNATOR
Code
A
D
Description
A/R Lug
None
ANTI-ROTATION LUG
Code
6630
Description
Precision Potentiometer
MODEL DESIGNATOR
Code
0
1
Description
Without
With
MECHANICAL STOPS
Code
B
C
Description
1/4 ” Dia. Slotted End
1/4 ” Dia. Flatted End
SHAFT STYLE
Code
A
R
Description
Axial, Solder Lug
Radial, Solder Lug
TERMINAL CONFIGURATION
Code
28
Description
7/8 ” FMS Long
SHAFT LENGTH DESIGNATOR
Code
102
202
502
103
203
Value in Ohms
1,000
2,000
5,000
10,000
20,000
RESISTANCE CODE



Html Pages

1 2 3