전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74LVC1G02DBVT 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74LVC1G02DBVT
상세설명  SINGLE 2-INPUT POSITIVE NOR-GATE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G02DBVT 데이터시트(HTML) 9 Page - Texas Instruments

Back Button SN74LVC1G02DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G02DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G02DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G02DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G02DBVT Datasheet HTML 9Page - Texas Instruments SN74LVC1G02DBVT Datasheet HTML 10Page - Texas Instruments SN74LVC1G02DBVT Datasheet HTML 11Page - Texas Instruments SN74LVC1G02DBVT Datasheet HTML 12Page - Texas Instruments SN74LVC1G02DBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74LVC1G02DBVR
SOT-23
DBV
5
3000
178.0
9.2
3.3
3.2
1.55
4.0
8.0
Q3
SN74LVC1G02DBVR
SOT-23
DBV
5
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
SN74LVC1G02DBVT
SOT-23
DBV
5
250
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
SN74LVC1G02DBVT
SOT-23
DBV
5
250
178.0
9.2
3.3
3.2
1.55
4.0
8.0
Q3
SN74LVC1G02DCKR
SC70
DCK
5
3000
178.0
9.2
2.4
2.4
1.22
4.0
8.0
Q3
SN74LVC1G02DCKR
SC70
DCK
5
3000
180.0
9.2
2.3
2.55
1.2
4.0
8.0
Q3
SN74LVC1G02DCKR
SC70
DCK
5
3000
178.0
9.0
2.4
2.5
1.2
4.0
8.0
Q3
SN74LVC1G02DCKT
SC70
DCK
5
250
178.0
9.0
2.4
2.5
1.2
4.0
8.0
Q3
SN74LVC1G02DCKT
SC70
DCK
5
250
180.0
9.2
2.3
2.55
1.2
4.0
8.0
Q3
SN74LVC1G02DCKT
SC70
DCK
5
250
178.0
9.2
2.4
2.4
1.22
4.0
8.0
Q3
SN74LVC1G02DRLR
SOT
DRL
5
4000
180.0
9.5
1.78
1.78
0.69
4.0
8.0
Q3
SN74LVC1G02DRLR
SOT
DRL
5
4000
180.0
8.4
1.98
1.78
0.69
4.0
8.0
Q3
SN74LVC1G02DRYR
SON
DRY
6
5000
180.0
9.5
1.15
1.6
0.75
4.0
8.0
Q1
SN74LVC1G02DSFR
SON
DSF
6
5000
180.0
9.5
1.16
1.16
0.5
4.0
8.0
Q2
SN74LVC1G02YZPR
DSBGA
YZP
5
3000
180.0
8.4
1.02
1.52
0.63
4.0
8.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
29-Jun-2012
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22