| 전자부품 데이터시트 검색엔진 |
|
SP6013AS8RGB 데이터시트(PDF) 3 Page - SYNC POWER Crop. |
|
|
|||||||||||||||||||||||||||||
SP6013AS8RGB 데이터시트(HTML) 3 Page - SYNC POWER Crop. |
|
3 / 7 page ![]() 2012/08/29 Ver.6 Page 3 SP6013A Synchronous Rectifier Driver BLOCK DIAGRAM ORDERING INFORMATION Part Number Package Part Marking SP6013AS8RG SOP-8 SP6013AI SP6013AS8TG SOP-8 SP6013AI SP6013AS8RGB SOP-8 SP6013AI SP6013AS8TGB SOP-8 SP6013AI ※ SP6013AS8RG : 7” Tape Reel ; Pb – Free ※ SP6013AS8TG : Tube ; Pb – Free ※ SP6013AS8RGB : 7” Tape Reel ; Pb – Free ; Halogen - Free ※ SP6013AS8TGB : Tube ; Pb – Free ; Halogen - Free ABSOULTE MAXIMUM RATINGS (TA=25 , unless otherwise specified.) ℃ The following ratings designate persistent limits beyond which damage to the device may occur . Symbol Parameter Value Unit Vdd DC Supply Voltage 17 V SYNC SYNC Voltage 7 V IOUT Peak Source Current (Pulsed) 3 A Peak Sink Current (Pulsed) 3 A PD Power Dissipation @ TA=85 (*) ℃ 0.25 W TJ Operating Junction Temperature Range -40 to125 ℃ TSTG Storage Temperature Range -40 to 150 ℃ TLEAD Lead Soldering Temperature for 5 sec. 260 ℃ |