전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADP1706ARDZ-1.0-R7 데이터시트(PDF) 6 Page - Analog Devices

부품명 ADP1706ARDZ-1.0-R7
상세설명  1 A, Low Dropout, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADP1706ARDZ-1.0-R7 데이터시트(HTML) 6 Page - Analog Devices

Back Button ADP1706ARDZ-1.0-R7 Datasheet HTML 2Page - Analog Devices ADP1706ARDZ-1.0-R7 Datasheet HTML 3Page - Analog Devices ADP1706ARDZ-1.0-R7 Datasheet HTML 4Page - Analog Devices ADP1706ARDZ-1.0-R7 Datasheet HTML 5Page - Analog Devices ADP1706ARDZ-1.0-R7 Datasheet HTML 6Page - Analog Devices ADP1706ARDZ-1.0-R7 Datasheet HTML 7Page - Analog Devices ADP1706ARDZ-1.0-R7 Datasheet HTML 8Page - Analog Devices ADP1706ARDZ-1.0-R7 Datasheet HTML 9Page - Analog Devices ADP1706ARDZ-1.0-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADP1706/ADP1707/ADP1708
Rev. 0 | Page 6 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
EN 1
GND 2
IN 3
IN 4
SS
8
SENSE
7
OUT
6
OUT
5
ADP1706
TOP VIEW
(Not to Scale)
ADP1706
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
1
EN
2
GND
3
IN
4
IN
7 SENSE
8SS
6OUT
5OUT
Figure 4. 8-Lead SOIC, ADP1706
Figure 5. 8-Lead LFCSP, ADP1706
EN 1
GND 2
IN 3
IN 4
TRK
8
SENSE
7
OUT
6
OUT
5
ADP1707
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
1
EN
2
GND
3
IN
4
IN
7SENSE
8TRK
6OUT
5OUT
TOP VIEW
(Not to Scale)
ADP1707
Figure 6. 8-Lead SOIC, ADP1707
Figure 7. 8-Lead LFCSP, ADP1707
EN 1
GND 2
IN 3
IN 4
ADJ
8
SENSE
7
OUT
6
OUT
5
ADP1708
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
1
EN
2
GND
3
IN
4
IN
7 SENSE
8 ADJ
6OUT
5OUT
ADP1708
TOP VIEW
(Not to Scale)
Figure 8. 8-Lead SOIC, ADP1708
Figure 9. 8-Lead LFCSP, ADP1708
Table 4. Pin Function Descriptions
ADP1706
Pin No.
ADP1707
Pin No.
ADP1708
Pin No.
Mnemonic
Description
1
1
1
EN
Enable Input. Drive EN high to turn on the regulator; drive it low to turn off the
regulator. For automatic startup, connect EN to IN.
2
2
2
GND
Ground.
3, 4
3, 4
3, 4
IN
Regulator Input Supply. Bypass IN to GND with a 4.7 μF or greater capacitor.
5, 6
5, 6
5, 6
OUT
Regulated Output Voltage. Bypass OUT to GND with a 4.7 μF or greater capacitor.
7
7
7
SENSE
Sense. Measures the actual output voltage at the load and feeds it to the error
amplifier. Connect SENSE as close as possible to the load to minimize the effect
of IR drop between the regulator output and the load.
8
N/A
N/A
SS
Soft Start. A capacitor connected to this pin determines the soft start time.
N/A
8
N/A
TRK
Track. The output follows the voltage applied at the TRK pin. See the Theory of
Operation section for a more detailed description.
N/A
N/A
8
ADJ
Adjust. A resistor divider from OUT to ADJ sets the output voltage.
EP
EP
EP
EP
The exposed pad on the bottom of the SOIC package and the LFCSP package. EP
enhances thermal performance and is electrically connected to GND inside the
package. User is recommended to connect EP to the ground plane on the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com