전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSPIC33FJ256GP710-IPF 데이터시트(PDF) 104 Page - Microchip Technology

부품명 DSPIC33FJ256GP710-IPF
상세설명  High-Performance, 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ256GP710-IPF 데이터시트(HTML) 104 Page - Microchip Technology

Back Button DSPIC33FJ256GP710-IPF Datasheet HTML 100Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 101Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 102Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 103Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 104Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 105Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 106Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 107Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 102
© 2009 Microchip Technology Inc.
REGISTER 7-12:
IEC2: INTERRUPT ENABLE CONTROL REGISTER 2
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
T6IE
DMA4IE
—
OC8IE
OC7IE
OC6IE
OC5IE
IC6IE
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
IC5IE
IC4IE
IC3IE
DMA3IE
C1IE
C1RXIE
SPI2IE
SPI2EIE
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
T6IE: Timer6 Interrupt Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 14
DMA4IE: DMA Channel 4 Data Transfer Complete Interrupt Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 13
Unimplemented: Read as ‘0’
bit 12
OC8IE: Output Compare Channel 8 Interrupt Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 11
OC7IE: Output Compare Channel 7 Interrupt Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 10
OC6IE: Output Compare Channel 6 Interrupt Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 9
OC5IE: Output Compare Channel 5 Interrupt Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 8
IC6IE: Input Capture Channel 6 Interrupt Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 7
IC5IE: Input Capture Channel 5 Interrupt Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 6
IC4IE: Input Capture Channel 4 Interrupt Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 5
IC3IE: Input Capture Channel 3 Interrupt Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 4
DMA3IE: DMA Channel 3 Data Transfer Complete Interrupt Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 3
C1IE: ECAN1 Event Interrupt Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com