| 전자부품 데이터시트 검색엔진 |
|
DSPIC33FJ256GP710-IPF 데이터시트(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ256GP710-IPF 데이터시트(HTML) 11 Page - Microchip Technology |
|
11 / 322 page ![]() © 2009 Microchip Technology Inc. DS70286C-page 9 dsPIC33FJXXXGPX06/X08/X10 Pin Diagrams (Continued) 20 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 65 64 63 62 61 60 59 56 17 18 19 21 22 1 72 71 70 69 68 67 66 75 74 73 58 57 24 23 25 55 54 53 52 51 PGED2/SOSCI/CN1/RC13 OC1/RD0 IC3/RD10 IC2/RD9 IC1/RD8 IC4/RD11 SDA2/RA3 SCL2/RA2 OSC2/CLKO/RC15 OSC1/CLKIN/RC12 VDD SCL1/RG2 SCK1/INT0/RF6 SDI1/RF7 SDO1/RF8 SDA1/RG3 U1RX/RF2 U1TX/RF3 VSS PGEC2/SOSCO/T1CK/CN0/RC14 AN29/RE5 AN30/RE6 AN31/RE7 AN16/T2CK/T7CK/RC1 AN17/T3CK/T6CK/RC2 AN18/T4CK/T9CK/RC3 AN19/T5CK/T8CK/RC4 SCK2/CN8/RG6 VDD TMS/RA0 AN20/INT1/RA12 AN21/INT2/RA13 AN5/CN7/RB5 AN4/CN6/RB4 AN3/CN5/RB3 AN2/SS1/CN4/RB2 SDI2/CN9/RG7 SDO2/CN10/RG8 PGEC3/AN1/CN3/RB1 PGED3/AN0/CN2/RB0 COFS/RG15 VDD SS2/CN11/RG9 MCLR TDO/RA5 INT4/RA15 INT3/RA14 VSS VSS TDI/RA4 100-Pin TQFP dsPIC33FJ64GP310 dsPIC33FJ128GP310 = Pins are up to 5V tolerant |