전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSPIC33FJ64GP306 데이터시트(PDF) 39 Page - Microchip Technology

부품명 DSPIC33FJ64GP306
상세설명  High-Performance,16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP306 데이터시트(HTML) 39 Page - Microchip Technology

Back Button DSPIC33FJ64GP306 Datasheet HTML 35Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 36Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 37Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 38Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 39Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 40Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 41Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 42Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 37
dsPIC33FJXXXGPX06/X08/X10
FIGURE 4-4:
DATA MEMORY MAP FOR dsPIC33FJXXXGPX06/X08/X10 DEVICES WITH 16 KB
RAM
0x0000
0x07FE
0x27FE
0xFFFE
LSB
Address
16 bits
LSB
MSB
MSB
Address
0x0001
0x07FF
0x27FF
0xFFFF
Optionally
Mapped
into Program
Memory
0x47FF
0x47FE
0x0801
0x0800
0x2801
0x2800
Near
Data
2 Kbyte
SFR Space
16 Kbyte
SRAM Space
8 Kbyte
Space
0x8001
0x8000
0x4800
0x4801
0x3FFE
0x4000
0x3FFF
0x4001
0x1FFE
0x1FFF
SFR Space
X Data RAM (X)
X Data
Unimplemented (X)
DMA RAM
Y Data RAM (Y)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More