| 전자부품 데이터시트 검색엔진 |
|
PIC18F242 데이터시트(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F242 데이터시트(HTML) 5 Page - Microchip Technology |
|
5 / 332 page ![]() © 2006 Microchip Technology Inc. DS39564C-page 3 PIC18FXX2 Pin Diagrams (Cont.’d) RB7/PGD RB6/PGC RB5/PGM RB4 RB3/CCP2 * RB2/INT2 RB1/INT1 RB0/INT0 VDD VSS RD7/PSP7 RD6/PSP6 RD5/PSP5 RD4/PSP4 RC7/RX/DT RC6/TX/CK RC5/SDO RC4/SDI/SDA RD3/PSP3 RD2/PSP2 MCLR/VPP RA0/AN0 RA1/AN1 RA2/AN2/VREF- RA3/AN3/VREF+ RA4/T0CKI RA5/AN4/SS/LVDIN RE0/RD/AN5 RE1/WR/AN6 RE2/CS/AN7 VDD VSS OSC1/CLKI OSC2/CLKO/RA6 RC0/T1OSO/T1CKI RC1/T1OSI/CCP2 * RC2/CCP1 RC3/SCK/SCL RD0/PSP0 RD1/PSP1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 10 11 2 3 4 5 6 1 8 7 9 12 13 14 15 16 17 18 19 20 23 24 25 26 27 28 22 21 MCLR/VPP RA0/AN0 RA1/AN1 RA2/AN2/VREF- RA3/AN3/VREF+ RA4/T0CKI RA5/AN4/SS/LVDIN VSS OSC1/CLKI OSC2/CLKO/RA6 RC0/T1OSO/T1CKI RC1/T1OSI/CCP2 * RC2/CCP1 RC3/SCK/SCL RB7/PGD RB6/PGC RB5/PGM RB4 RB3/CCP2 * RB2/INT2 RB1/INT1 RB0/INT0 VDD VSS RC7/RX/DT RC6/TX/CK RC5/SDO RC4/SDI/SDA * RB3 is the alternate pin for the CCP2 pin multiplexing. DIP DIP, SOIC Note: Pin compatible with 40-pin PIC16C7X devices. |