전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC123P02J00F 데이터시트(PDF) 2 Page - Sharp Corporation

부품명 PC123P02J00F
상세설명  DIP 4pin Reinforced Insulation Type Photocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC123P02J00F 데이터시트(HTML) 2 Page - Sharp Corporation

  PC123P02J00F Datasheet HTML 1Page - Sharp Corporation PC123P02J00F Datasheet HTML 2Page - Sharp Corporation PC123P02J00F Datasheet HTML 3Page - Sharp Corporation PC123P02J00F Datasheet HTML 4Page - Sharp Corporation PC123P02J00F Datasheet HTML 5Page - Sharp Corporation PC123P02J00F Datasheet HTML 6Page - Sharp Corporation PC123P02J00F Datasheet HTML 7Page - Sharp Corporation PC123P02J00F Datasheet HTML 8Page - Sharp Corporation PC123P02J00F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Sheet No.: D2-A09401EN
PC123N02J00F Series
■ Internal Connection Diagram
■ Outline Dimensions
(Unit : mm)
Product mass : approx. 0.23g
Anode
Cathode
Emitter
Collector
1
1
2
3
4
2
4
3
1. Through-Hole [ex. PC123N02J00F]
PC123
6.5±
0.3
7.62±
0.30
0.26±
0.10
4.58±
0.30
Anode mark
0.5±
0.1
θ
θ
θ : 0 to 13˚
Epoxy resin
1
2
4
3
Rank mark
Factory identification mark
Date code
Product mass : approx. 0.23g
2. Through-Hole (VDE option)
[ex. PC123YN2J00F]
Product mass : approx. 0.23g
Product mass : approx. 0.23g
3. Wide Through-Hole Lead-Form
[ex. PC123F02J00F]
4. Wide Through-Hole Lead-Form (VDE option)
[ex. PC123Y02J00F]
PC123
6.5±
0.3
7.62±
0.30
4.58±
0.30
Anode mark
0.5±
0.1
θ
θ
θ : 0 to 13˚
Epoxy resin
1
2
4
3
Rank mark
Factory identification mark
Date code
SHARP mark "S"
VDE idenfication mark
0.26±
0.10
4
PC123
6.5
±0.3
7.62
±0.30
Epoxy resin
4.58
±0.30
0.26
±0.10
10.16
±0.50
Anode mark
1
2
3
4
0.5
±0.1
Rank mark
Factory identification mark
Date code
PC123
6.5
±0.3
7.62
±0.30
Epoxy resin
4.58
±0.30
0.26
±0.10
10.16
±0.50
Anode mark
1
2
3
4
0.5
±0.1
Rank mark
Factory identification mark
Date code
SHARP mark "S"
VDE idenfication mark
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com