전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SP483ECN 데이터시트(PDF) 2 Page - Sipex Corporation

부품명 SP483ECN
상세설명  Enhanced Low EMI Half-Duplex RS-485 Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIPEX [Sipex Corporation]
홈페이지  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP483ECN 데이터시트(HTML) 2 Page - Sipex Corporation

  SP483ECN Datasheet HTML 1Page - Sipex Corporation SP483ECN Datasheet HTML 2Page - Sipex Corporation SP483ECN Datasheet HTML 3Page - Sipex Corporation SP483ECN Datasheet HTML 4Page - Sipex Corporation SP483ECN Datasheet HTML 5Page - Sipex Corporation SP483ECN Datasheet HTML 6Page - Sipex Corporation SP483ECN Datasheet HTML 7Page - Sipex Corporation SP483ECN Datasheet HTML 8Page - Sipex Corporation SP483ECN Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SP483EDS/05
SP483E Low EMI Half-Duplex RS485 Transceiver
© Copyright 2000 Sipex Corporation
2
SPECIFICATIONS
T
MIN to TMAX and VCC = 5V ± 5% unless otherwise noted.
PARAMETERS
MIN.
TYP.
MAX.
UNITS
CONDITIONS
SP483E DRIVER
DC Characteristics
Differential Output Voltage
GND
V
CC
Volts
Unloaded; R =
∞ ; see Figure 1
Differential Output Voltage
2
V
CC
Volts
with load; R = 50
Ω; (RS-422);
see Figure 1
Differential Output Voltage
1.5
V
CC
Volts
with load; R = 27
Ω; (RS-485); see Figure 1
Change in Magnitude of Driver
Differential Output Voltage for
Complimentary States
0.2
Volts
R = 27
Ω or R = 50Ω; see Figure 1
Driver Common-Mode
Output Voltage
3
Volts
R = 27
Ω or R = 50Ω; see Figure 1
Input High Voltage
2.0
Volts
Applies to DE, DI, RE
Input Low Voltage
0.8
Volts
Applies to DE, DI, RE
Input Current
Applies to DE, DI, RE
Driver Input
10
µA
DI
Control Lines
1
µA
DE, RE
Driver Short-Circuit Current
V
OUT = HIGH
±250 mA
-7V
≤ V
O ≤ +12V
V
OUT = LOW
±250 mA
-7V
≤ V
O ≤ +12V
SP483E DRIVER
AC Characteristics
Maximum Data Rate
250
Kbps
RE = 5V, DE = 5V; R
DIFF = 54Ω,
C
L1 = CL2 = 100pF
Driver Input to Output
250
800
2000
ns
t
PLH; RDIFF = 54Ω, CL1 = CL2 = 100pF;
see Figures 3 and 5
Driver Input to Output
250
800
2000
ns
t
PHL; RDIFF = 54Ω, CL1 = CL2 = 100pF;
see Figures 3 and 5
Driver Skew
100
800
ns
see Figures 3 and 5,
t
SKEW = | tDPLH - tDPHL |
Driver Rise or Fall Time
250
2000
ns
From 10% to 90%; R
DIFF = 54Ω,
C
L1 = CL2 = 100pF; see Figures 3 and 6
Driver Enable to Output High
250
2000
ns
C
L = 100pF; see Figures 4 & 6; S2 closed
Driver Enable to Output Low
250
2000
ns
C
L = 100pF; see Figures 4 & 6; S1 closed
Driver Disable Time from Low
300
3000
ns
C
L = 15pF; see Figures 2 & 8; S1 closed
Driver Disable Time from High
300
3000
ns
C
L = 15pF; see Figures 2 & 8; S2 closed
SP481E/SP485E RECEIVER
DC Characteristics
Differential Input Threshold
-0.2
+0.2
Volts
-7V
≤ V
CM ≤ +12V
Input Hysteresis
20
mV
V
CM = 0V
Output Voltage High
3.5
Volts
I
O = -4mA, VID = +200mV
Output Voltage Low
0.4
Volts
I
O = +4mA, VID = -200mV
Three-State (High Impedance)
Output Current
±1
µA
0.4V
≤ V
O ≤ 2.4V; RE = 5V
Input Resistance
12
15
k
Ω
-7V
≤ V
CM ≤ +12V
Input Current (A, B); V
IN = 12V
+1.0
mA
DE = 0V, V
CC = 0V or 5.25V, VIN = 12V
Input Current (A, B); V
IN = -7V
-0.8
mA
DE = 0V, V
CC = 0V or 5.25V, VIN = -7V
Short-Circuit Current
7
95
mA
0V
≤ V
CM ≤ VCC
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation sections
of the specifications below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect reliability.
V
CC............................................................................................................+7V
Input Voltages
Logic........................................................-0.3V to (V
CC+0.5V)
Drivers..................................................-0.3V to (V
CC+0.5V)
Receivers.................................................................
±15V
Output Voltages
Logic........................................................-0.3V to (V
CC+0.5V)
Drivers......................................................................
±15V
Receivers............................................-0.3V to (V
CC+0.5V)
Storage Temperature.......................................................-65˚C to +150˚C
Power Dissipation...........................................................................500mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com