전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS1109-BSST 데이터시트(PDF) 22 Page - ams AG

부품명 AS1109-BSST
상세설명  Constant-Current, 8-Bit LED Driver with Diagnostics
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS1109-BSST 데이터시트(HTML) 22 Page - ams AG

Back Button AS1109-BSST Datasheet HTML 17Page - ams AG AS1109-BSST Datasheet HTML 18Page - ams AG AS1109-BSST Datasheet HTML 19Page - ams AG AS1109-BSST Datasheet HTML 20Page - ams AG AS1109-BSST Datasheet HTML 21Page - ams AG AS1109-BSST Datasheet HTML 22Page - ams AG AS1109-BSST Datasheet HTML 23Page - ams AG AS1109-BSST Datasheet HTML 24Page - ams AG AS1109-BSST Datasheet HTML 25Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
www.ams.com/LED-Driver-ICs/AS1109
Revision 1.21
21 - 24
AS1109
Datasheet - Pack a ge Drawin gs and Ma r k ings
Figure 26. 16-pin QSOP-150 Package
Marking: YYWWRZZ.
YY
WW
R
ZZ
Last two digits of the current year
Manufacturing Week
Plant identifier
Traceability code
Symbol
Min
Nom
Max
A-
-
1.75
A1
0.10
-
0.25
A2
1.24
-
-
b
0.20
-
0.30
c
0.15
-
0.25
D
4.90 BSC
E
6.00 BSC
E1
3.91 BSC
e
0.635 BSC
L
0.41
-
1.27
L1
1.04 REF
L2
0.25 BSC
R0.08
-
-
R1
0.08
-
-
h
0.25
-
0.51
Θ
0º
-
8º
Θ15º
-
15º
Θ20º
-
-
aaa
-
0.10
-
bbb
-
0.20
-
ccc
-
0.10
-
ddd
-
0.18
-
eee
-
0.10
-
fff
-
0.15
-
N16
Notes:
1. Dimensioning & tolerancing conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters. Angles are in degrees.
3. Datums A & B to be determined at Datum H.
AS1109B
YYWWRZZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25