전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS1116 데이터시트(PDF) 9 Page - ams AG

부품명 AS1116
상세설명  64 LED Dr iver wi th Detai led Er ror Detect ion
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS1116 데이터시트(HTML) 9 Page - ams AG

Back Button AS1116 Datasheet HTML 5Page - ams AG AS1116 Datasheet HTML 6Page - ams AG AS1116 Datasheet HTML 7Page - ams AG AS1116 Datasheet HTML 8Page - ams AG AS1116 Datasheet HTML 9Page - ams AG AS1116 Datasheet HTML 10Page - ams AG AS1116 Datasheet HTML 11Page - ams AG AS1116 Datasheet HTML 12Page - ams AG AS1116 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1116
Revision 1.08
8 - 23
AS1116
Datasheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
Block Diagram
Figure 15. Block Diagram (QSOP-24 Package)
Figure 16. ESD Structure
AS1116
Registers
Digital Control
Logic
Oszillator
Open/Short
Detection
SPI
Interface
+
–
+
–
19
VDD
Scan - Registers
Control - Registers
Data - Registers
(PWM, Debounce,....)
RSET
13
ISET
15-18, 20-23
SEGA-G,
SEGDP
2-5, 7-10
DIG0 to DIG7
6
GND
VDD
8
8
14
SCL
1
SDI
24
SDO
11
LD
VDD
valid for the pins:
- SDI
- SCL
- SDO
- LD
- ISET
- SEGA-G, SEGDP
VDD
valid for the pins:
- DIG0 to DIG7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24