전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS1122 데이터시트(PDF) 19 Page - ams AG

부품명 AS1122
상세설명  12-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS1122 데이터시트(HTML) 19 Page - ams AG

Back Button AS1122 Datasheet HTML 15Page - ams AG AS1122 Datasheet HTML 16Page - ams AG AS1122 Datasheet HTML 17Page - ams AG AS1122 Datasheet HTML 18Page - ams AG AS1122 Datasheet HTML 19Page - ams AG AS1122 Datasheet HTML 20Page - ams AG AS1122 Datasheet HTML 21Page - ams AG AS1122 Datasheet HTML 22Page - ams AG AS1122 Datasheet HTML 23Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
www.austriamicrosystems.com/LED-Driver-ICs
Revision 1.00
18 - 22
AS1122
Datasheet - D e t a i l e d D e s c r i p t i o n
PWM scheme of AS1122
The AS1122 uses a scrambled PWM scheme. Meaning the PWM value is divide into sup-periods (32 bits wide) and than evenly distributed over
the whole PWM cycle. If the PWM setting can not be divided by 32, the rest is added at the beginning of the PWM cycle.
Figure 39 shows some examples how different PWM settings are distributed over one PWM cycle.
Figure 39. Different PWM Outputs of AS1122
The PWM clock is generated internally and is running with fOSZ (10MHz typ.). For a PWM value of 20 the OUT channel is high for 20 PWM-clock
pulses (20 x 100ns) and stays then low for 4076 PWM-clock pulses (4076 x 100ns). After one PWM cycle (4096 pulses) the cycle is repeated
endless until the output channels is turned off or updated with new PWM data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23