전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS1330 데이터시트(PDF) 13 Page - ams AG

부품명 AS1330
상세설명  4MHz, Low Vol tage, DC-DC Step-Up Conver ter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS1330 데이터시트(HTML) 13 Page - ams AG

Back Button AS1330_12 Datasheet HTML 9Page - ams AG AS1330_12 Datasheet HTML 10Page - ams AG AS1330_12 Datasheet HTML 11Page - ams AG AS1330_12 Datasheet HTML 12Page - ams AG AS1330_12 Datasheet HTML 13Page - ams AG AS1330_12 Datasheet HTML 14Page - ams AG AS1330_12 Datasheet HTML 15Page - ams AG AS1330_12 Datasheet HTML 16Page - ams AG AS1330_12 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1330
Revision 1.06
12 - 17
AS1330
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Smallest Layout
Due to the high switching frequency, the small package and the minimal count of external components, the overall DC-DC system requieres only
6.6x6.6mm of PCB space (see Figure 23).
Figure 23. Layout Consideration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18