전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS1335 데이터시트(PDF) 8 Page - ams AG

부품명 AS1335
상세설명  1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS1335 데이터시트(HTML) 8 Page - ams AG

Back Button AS1335 Datasheet HTML 4Page - ams AG AS1335 Datasheet HTML 5Page - ams AG AS1335 Datasheet HTML 6Page - ams AG AS1335 Datasheet HTML 7Page - ams AG AS1335 Datasheet HTML 8Page - ams AG AS1335 Datasheet HTML 9Page - ams AG AS1335 Datasheet HTML 10Page - ams AG AS1335 Datasheet HTML 11Page - ams AG AS1335 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
www.austriamicrosystems.com/DC-DC_Step-Down/AS1335
Revision 1.03
7 - 18
AS1335
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 9. Efficiency vs. Input Voltage, VOUT = 3.5V
Figure 10. Load Regulation, VOUT = 1.0V
50
60
70
80
90
100
2.6
3
3.4
3.8
4.2
4.6
5
Input Voltage (V)
Iout =400mA
Iout =600mA
Iout =800mA
Iout =950mA
0.95
0.97
0.99
1.01
1.03
1.05
10
100
1000
10000
Output Current (mA)
Vin = 5.5V
Vin = 5.0V
Vin = 4.5V
Vin = 3.5V
Vin = 2.5V
Figure 11. Load Regulation, VOUT = 1.5V
Figure 12. Line Regulation, VOUT vs. VIN;
1.3
1.35
1.4
1.45
1.5
1.55
1.6
1.65
1.7
10
100
1000
10000
Output Current (mA)
Vi n =5.5V
Vi n =5.0V
Vi n =3.6V
0.9
0.92
0.94
0.96
0.98
1
1.02
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
Iout = 100mA
Iout = 300mA
Iout = 700mA
Iout = 1000mA
Iout = 1500mA
Figure 13. Load Step 40mA to 500mA; VIN = 4V
Figure 14. Load Step 40mA to 1A; VIN = 4V
100µs/Div
100µs/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com