전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS1337 데이터시트(PDF) 13 Page - ams AG

부품명 AS1337
상세설명  200mA, DC-DC Step-Up Converter with Buck Mode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS1337 데이터시트(HTML) 13 Page - ams AG

Back Button AS1337 Datasheet HTML 8Page - ams AG AS1337 Datasheet HTML 9Page - ams AG AS1337 Datasheet HTML 10Page - ams AG AS1337 Datasheet HTML 11Page - ams AG AS1337 Datasheet HTML 12Page - ams AG AS1337 Datasheet HTML 13Page - ams AG AS1337 Datasheet HTML 14Page - ams AG AS1337 Datasheet HTML 15Page - ams AG AS1337 Datasheet HTML 16Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1337
Revision 1.05
12 - 15
AS1337
Datasheet - Pack a ge Drawin gs and Ma r k ings
10 Package Drawings and Markings
Figure 16. TDFN (3x3mm) 8-pin Marking
Table 6. Packaging Code YYWWIZZ
YY
WW
Q
ZZ
last two digits of the current year
manufacturing week
plant identifier
free choice / traceability code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16