전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS1363 데이터시트(PDF) 12 Page - ams AG

부품명 AS1363
상세설명  1A Low Dropout Linear Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS1363 데이터시트(HTML) 12 Page - ams AG

Back Button AS1363 Datasheet HTML 8Page - ams AG AS1363 Datasheet HTML 9Page - ams AG AS1363 Datasheet HTML 10Page - ams AG AS1363 Datasheet HTML 11Page - ams AG AS1363 Datasheet HTML 12Page - ams AG AS1363 Datasheet HTML 13Page - ams AG AS1363 Datasheet HTML 14Page - ams AG AS1363 Datasheet HTML 15Page - ams AG AS1363 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
www.ams.com/LDO
Revision 1.9
12 - 19
AS1363
Datasheet - Application In form atio n
9.3 Power Dissipation
Maximum power dissipation (PD) of the LDO is the sum of the power dissipated by the internal series MOSFET and the quiescent current
required to bias the internal voltage reference and the internal error amplifier, and is calculated as:
Watts
(EQ 4)
Internal power dissipation as a result of the bias current for the internal voltage reference and the error amplifier is calculated as:
Watts
(EQ 5)
Total LDO power dissipation is calculated as:
Watts
(EQ 6)
9.4 Junction Temperature
Under all operating conditions, the maximum junction temperature should not be allowed to exceed 125ºC (unless the data sheet specifically
allows). Limiting the maximum junction temperature requires knowledge of the heat path from junction to case (
JCºC/W fixed by the IC
manufacturer), and adjustment of the case to ambient heat path (
CAºC/W) by manipulation of the PCB copper area adjacent to the IC position.
Figure 19. Package Physical Arrangements
Figure 20. Steady State Heat Flow Equivalent Circuit
PD
MAX
 Seriespass

I
LOAD MAX

=
V
IN MAX

V
OUT MIN

–

PD
MAX
 Bias

V
IN MAX
IQ
=
PD
MAX
 Total

PD
MAX
 Seriespass
 PD
MAX

+
Bias

=
Bond Wire
Chip
PCB
Package
Lead Frame
SOTxx Package
Junction
TJ°C
Package
TC°C
PCB/Heatsink
TS°C
Ambient
TA°C
Chip
Power
R
JC
R
CS
R
SA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19