| 전자부품 데이터시트 검색엔진 |
|
EP2C5 데이터시트(PDF) 19 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP2C5 데이터시트(HTML) 19 Page - Altera Corporation |
|
19 / 168 page ![]() Altera Corporation 2–7 February 2007 Cyclone II Device Handbook, Volume 1 Cyclone II Architecture Logic Array Blocks Each LAB consists of the following: ■ 16 LEs ■ LAB control signals ■ LE carry chains ■ Register chains ■ Local interconnect The local interconnect transfers signals between LEs in the same LAB. Register chain connections transfer the output of one LE’s register to the adjacent LE’s register within an LAB. The Quartus II Compiler places associated logic within an LAB or adjacent LABs, allowing the use of local, and register chain connections for performance and area efficiency. Figure 2–5 shows the Cyclone II LAB. Figure 2–5. Cyclone II LAB Structure Direct link interconnect from adjacent block Direct link interconnect to adjacent block Row Interconnect Column Interconnect Local Interconnect LAB Direct link interconnect from adjacent block Direct link interconnect to adjacent block |