| 전자부품 데이터시트 검색엔진 |
|
MCP6044 데이터시트(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6044 데이터시트(HTML) 15 Page - Microchip Technology |
|
15 / 34 page ![]() © 2008 Microchip Technology Inc. DS21669C-page 15 MCP6041/2/3/4 4.9 Application Circuits 4.9.1 BATTERY CURRENT SENSING The MCP6041/2/3/4 op amps’ Common Mode Input Range, which goes 0.3V beyond both supply rails, supports their use in high side and low side battery current sensing applications. The very low quiescent current (0.6 µA, typical) help prolong battery life, and the rail-to-rail output supports detection low currents. Figure 4-7 shows a high side battery current sensor circuit. The 10 Ω resistor is sized to minimize power losses. The battery current (IDD) through the 10Ω resistor causes its top terminal to be more negative than the bottom terminal. This keeps the common mode input voltage of the op amp below VDD, which is within its allowed range. The output of the op amp will also be below VDD, which is within its Maximum Output Voltage Swing specification. . FIGURE 4-7: High Side Battery Current Sensor. 4.9.2 INSTRUMENTATION AMPLIFIER The MCP6041/2/3/4 op amp is well suited for conditioning sensor signals in battery-powered applications. Figure 4-8 shows a two op amp instru- mentation amplifier, using the MCP6042, that works well for applications requiring rejection of common mode noise at higher gains. The reference voltage (VREF) is supplied by a low impedance source. In single supply applications, VREF is typically VDD/2. . FIGURE 4-8: Two Op Amp Instrumentation Amplifier. VDD IDD MCP604X 100 k Ω 1M Ω 1.4V VOUT 10 Ω to 6.0V I DD V DD V OUT – 10 V/V () 10 Ω () ⋅ ------------------------------------------ = V OUT V 1 V 2 – () 1 R 1 R 2 ------ 2R 1 R G --------- ++ ⎝⎠ ⎛⎞ V REF + = VREF R1 R2 R2 R1 VOUT RG V2 V1 ½ MCP6042 ½ MCP6042 |
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |