전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS2523F 데이터시트(PDF) 16 Page - ams AG

부품명 AS2523F
상세설명  Telephone Line Interface and Speakerphone Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS2523F 데이터시트(HTML) 16 Page - ams AG

Back Button AS2523F Datasheet HTML 12Page - ams AG AS2523F Datasheet HTML 13Page - ams AG AS2523F Datasheet HTML 14Page - ams AG AS2523F Datasheet HTML 15Page - ams AG AS2523F Datasheet HTML 16Page - ams AG AS2523F Datasheet HTML 17Page - ams AG AS2523F Datasheet HTML 18Page - ams AG AS2523F Datasheet HTML 19Page - ams AG AS2523F Datasheet HTML 20Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Data Sheet AS2523, AS2524, AS2524B
austriamicrosystems
Revision 1.13
Page 15 of 19
Symbol
Parameter
Conditions
Min
Type
Max
Units
Test
VNO
Noise Output Voltage
RO
TAMP=25°C
Gain = 7.5dB
-68
dBmp
Y
ZIN-RI
VINmax
Input Imp. RI
Input Voltage Range RI
8
±2
kΩ
Vp
N
ZIN-STB
VINmax
Input Imp. STB
Input Volt. Range STB
80
±2
kΩ
Vp
N
ST
Side tone
VRI<=0.25VRMS
26
dB
Y
RL
∆
ZAC/°C
Return Loss
Temp. Variation
ZAC(syn)=1000Ω
18
0.5
dB
Ω
/°C
Y
Test circuit
VSS
R2
32R
C2
1uF
VSS
VSS
U2
AS2523/24
17
20
21
23
25
26
27
1
22
14
24
11
16
10
9
12
13
15
28
7
5
8
6
RO
RECI
RECV
LO
xCS / xMUTE
DI / xPD
CLK / HFI
CBN
VPP
SS
VSSA
VSS
CI
CS
STB
LI
RI
LS
TONE IN
M3
M4
M1
M2
R1
600R
D1
10V
VSS
C6
100nF
C6
100nF
R1
6k
C6
100nF
C2
1uF
Q1
BC327
D1
5V1
VSS
V3
Vac
C6
100nF
VSS
R1
30R
C2
10uF
Vac
VSS
VSS
1
2
3
VSS
Vac
C3
1n
VSS
Q1
BC327
C6
100nF
VSS
C4
100nF
VSS
VSS
VSS
VSS
C6
100nF
Vac
R3
150R
C1
10uF
I1
Idc
C2
47uF
VSS
R1
300R
C7
100uF
R5
10k
R4
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20