전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS3607 데이터시트(PDF) 8 Page - ams AG

부품명 AS3607
상세설명  System PMU with HV Back Light Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS3607 데이터시트(HTML) 8 Page - ams AG

Back Button AS3607 Datasheet HTML 4Page - ams AG AS3607 Datasheet HTML 5Page - ams AG AS3607 Datasheet HTML 6Page - ams AG AS3607 Datasheet HTML 7Page - ams AG AS3607 Datasheet HTML 8Page - ams AG AS3607 Datasheet HTML 9Page - ams AG AS3607 Datasheet HTML 10Page - ams AG AS3607 Datasheet HTML 11Page - ams AG AS3607 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
www.austriamicrosystems.com
Revision 1.03
7 - 70
AS3606 AS3607 2v2
Data Sheet - P i n A s s i g n m e n t s
LXC2
30
34
DIG OUT
CVDD2 Step Down Switch Output to Coil
open
VSUP2
31
35
SUP IN
CVDD2 Step Down Pos. Supply Terminal
always needed
VBATSW
32
36
SUP IO
Battery Switch Terminal to be connected to the Li-Ion battery
open
VSS
33
37
SUP IO
Exposed Pad: Neg. Supply Terminal for all blocks
always needed
Table 1. Pin Description for AS3606/07
Pin Name
Pin Number
Type
Description
if not used
AS3606 AS3607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71