전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS3643 데이터시트(PDF) 31 Page - ams AG

부품명 AS3643
상세설명  1300mA High Current LED Flash Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS3643 데이터시트(HTML) 31 Page - ams AG

Back Button AS3643 Datasheet HTML 26Page - ams AG AS3643 Datasheet HTML 27Page - ams AG AS3643 Datasheet HTML 28Page - ams AG AS3643 Datasheet HTML 29Page - ams AG AS3643 Datasheet HTML 30Page - ams AG AS3643 Datasheet HTML 31Page - ams AG AS3643 Datasheet HTML 32Page - ams AG AS3643 Datasheet HTML 33Page - ams AG AS3643 Datasheet HTML 34Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
www.austriamicrosystems.com/AS3643
1.5-4
30 - 33
AS3643
Datasheet, Confidential - A p p l i c a t i o n I n f o r m a t i o n
At the pin GND a single via (or more vias, which are closely combined) connects to the common ground plane. This
via(s) will isolate the DCDC high frequency currents from the common ground (as most high frequency current will flow
between Loop1 and Loop2 and will not pass the ground plane) - see the ‘island’ in Figure 31.
Figure 31. Layout recommendation
Note: If component placement rules allow, move all components close to the AS3643 to reduce the area and length
of Loop1 and Loop2.
An additional 100nF (e.g. Murata GRM155R61C104, >50nF @ 3V, 0402 size) capacitor CVIN2 in parallel to CVIN is rec-
ommended to filter high frequency noise for the power supply of AS3643. This capacitor should be as close as possi-
ble to the GND/VIN pins of AS3643.
5V Operating Mode
The AS3643 can be used to power a 5V system (e.g. audio amplifier). The operating mode is selected by setting regis-
ter bit const_v_mode (page 23)=1. In this operating mode, the current sinks are disabled and cannot be switched on
(no flash/torch operation is possible).
Note: There is always a diode between VIN and VOUT1/2 due to the internal circuit. Therefore VOUT1/2 cannot be
completely switched off
Figure 32. 5V Operating Mode

  
 


  

 
 
 


 

   !
"
 # !  ! !
$!  
 %

  &!  & " &

 %
'
(
)* '
)* (
AS3643


 
 



  
AS3643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com